| データシートサーチシステム |
|
TSP058SC データシート(PDF) 5 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
TSP058SC データシート(HTML) 5 Page - Pan Jit International Inc. |
|
5 / 7 page ![]() PAGE 5 Ver: June 2001 TSP058SC - TSP320SC CAPACITANCE CHARACTERISTICS F = 1 MHz, Vac = 15 mVrms r e b m u N t r a P e c n a t i c a p a C e t a t S - f f O C O F p c d V 0 c d V 1 c d V 2 c d V 5 c d V 0 5 . p y T . x a M . p y T . x a M . p y T . x a M . p y T . x a M . p y T . x a M C S 8 5 0 P S T 5 8 5 0 1 5 7 0 9 9 6 3 8 0 6 0 7 5 3 3 4 C S 5 6 0 P S T0 81 0 11 76 85 69 76 56 64 30 4 C S 5 7 0 P S T 8 7 5 9 5 6 0 8 9 5 3 7 0 5 0 6 0 3 7 3 C S 0 9 0 P S T0 70 88 56 62 57 53 40 53 24 3 C S 0 2 1 P S T 3 6 9 7 2 5 0 6 7 4 8 5 9 3 5 4 0 2 9 2 C S 0 4 1 P S T1 68 70 58 55 46 56 34 49 18 2 C S 0 6 1 P S T 8 5 5 7 8 4 6 5 3 4 3 5 4 3 3 4 9 1 7 2 C S 0 9 1 P S T7 51 77 45 52 49 43 32 49 16 2 C S 0 2 2 P S T 7 5 1 7 7 4 5 5 2 4 9 4 3 3 2 4 8 1 6 2 C S 5 7 2 P S T6 50 76 45 52 49 42 32 48 15 2 C S 0 2 3 P S T 6 5 0 7 6 4 5 5 1 4 9 4 2 3 2 4 7 1 4 2 MECHANICAL DATA SMB / DO-214AA Unit: inch ( mm ) .160 (4.06) .185 (4.70) .006 (.152) .012 (.305) .002(.051) .008(.203) .200 (5.08) .220 (5.59) .030 (0.76) .050 (1.27) • Case: JEDEC DO-214AA molded plastic • Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 • Polarity: Bi-directional Standard packaging: 12mm tape (EIA-481) • Weight: 0.003 ounce, 0.093 gram |