| データシートサーチシステム |
|
M3-FS データシート(PDF) 3 Page - New Scale Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
M3-FS データシート(HTML) 3 Page - New Scale Technologies, Inc. |
|
3 / 4 page ![]() M3-FS and M3-F Focus Modules New Scale Technologies, Inc. | www. Ne wS c a l e T e c h . c o m | Phone (585) 924-4450 All dimensions in mm M3-FS focus module The M3-FS focus module is a drop-in replacement for the M3-F module. It has the same electrical connections, the same software commands, and nearly identical size. It has a new anodized aluminum housing with preloaded zero clearance ball-bearings for precision motion. M3-FS lens motion guides are preloaded ball bearings with very low friction and zero internal clearance. This precision guide produces excellent lateral stability and minimum pixel shift when the camera is moving and changing orientation. M3-FS-1.8-1.5-M16 focus module – accepts M16x1 threaded lens M3-F-1.8 focus module - accepts M12x0.5 threaded lens M3-F focus module The M3-F focus module has a molded plastic housing with pin-bushing guides for lens motion. M3-F has pin-bushing guides for lens motion. Kit, M3-FS-M16 to M12 Adapter Threads into M3-FS module to accept M12x0.5 lens |