データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMPJ108 データシート(PDF) 5 Page - InterFET Corporation

部品番号 SMPJ108
部品情報  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERFET [InterFET Corporation]
ホームページ  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPJ108 データシート(HTML) 5 Page - InterFET Corporation

  SMPJ108 Datasheet HTML 1Page - InterFET Corporation SMPJ108 Datasheet HTML 2Page - InterFET Corporation SMPJ108 Datasheet HTML 3Page - InterFET Corporation SMPJ108 Datasheet HTML 4Page - InterFET Corporation SMPJ108 Datasheet HTML 5Page - InterFET Corporation SMPJ108 Datasheet HTML 6Page - InterFET Corporation SMPJ108 Datasheet HTML 7Page - InterFET Corporation SMPJ108 Datasheet HTML 8Page - InterFET Corporation SMPJ108 Datasheet HTML 9Page - InterFET Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
E-6
01/99
Small Outline (Surface Mount) Package Devices
N-Channel Silicon Junction Field-Effect Transistors
SMP5363
– 40
– 1.0
– 1.0
– 20
– 2.5
– 8.0
15
100
7.0
14
15
SMP5363
SMP5364
– 40
– 1.0
– 1.0
– 20
– 2.5
– 8.0
15
100
9.0
18
15
SMP5364
SMP5397
– 25
– 1.0
– 1.0
– 15
– 1.0
– 6.0
10
1.0
10
30
10
SMP5397
SMP5398
– 25
– 1.0
– 1.0
– 15
– 1.0
– 6.0
10
1.0
5.0
40
10
SMP5398
SMP5457
– 25
– 10
– 1.0
– 15
– 0.5
– 6.0
15
10
1.0
5.0
15
SMP5457
SMP5458
– 25
– 10
– 1.0
– 15
– 1.0
– 7.0
15
10
2.0
9.0
15
SMP5458
SMP5459
– 25
– 10
– 1.0
– 15
– 2.0
– 8.0
15
10
4.0
16
15
SMP5459
SMP5484
– 25
– 1.0
– 1.0
– 20
– 0.3
– 3.0
15
10
1.0
5.0
15
SMP5484
SMP5485
– 25
– 1.0
– 1.0
– 20
– 0.5
– 4.0
15
10
4.0
10
15
SMP5485
SMP5486
– 25
– 1.0
– 1.0
– 20
– 2.0
– 6.0
15
10
8.0
20
15
SMP5486
SMP5555
– 25
– 1.0
– 1.0
– 15
—
– 12
12
10
15
—
15
SMP5555
SMP5556
– 30
– 1.0
– 1.0
– 15
– 0.2
– 4.0
15
1.0
0.5
2.5
15
SMP5556
SMP5557
– 30
– 1.0
– 1.0
– 15
– 0.8
– 5.0
15
1.0
2.0
5.0
15
SMP5557
SMP5558
– 30
– 1.0
– 1.0
– 15
– 1.5
– 6.0
15
1.0
4.0
10
15
SMP5558
SMP5638
– 30
– 10
– 1.0
– 15
—
– 12
15
1.0
50
—
20
SMP5638
SMP5639
– 30
– 10
– 1.0
– 15
—
– 8.0
15
1.0
25
—
20
SMP5639
SMP5640
– 30
– 10
– 1.0
– 15
—
– 6.0
15
1.0
5.0
—
20
SMP5640
SMP5653
– 30
– 10
– 1.0
– 15
—
– 12
15
1.0
40
—
20
SMP5653
SMP5654
– 25
– 10
– 10
– 15
—
– 8.0
15
1.0
15
—
20
SMP5654
SMP5668
– 25
– 10
– 1.0
– 15
– 0.2
– 4.0
15
10
1.0
5.0
15
SMP5668
SMP5669
– 25
– 10
– 1.0
– 15
– 1.0
– 6.0
15
10
4.0
10
15
SMP5669
SMP5670
– 25
– 10
– 1.0
– 15
– 3.0
– 8.0
15
10
8.0
20
15
SMP5670
SMP5949
– 30
– 10
– 1.0
– 15
– 3.0
– 7.0
15
100
12
18
15
SMP5949
SMP5950
– 30
– 1.0
– 1.0
– 15
– 2.5
– 6.0
15
100
10
15
15
SMP5950
SMP5951
– 30
– 1.0
– 1.0
– 15
– 2.0
– 5.0
15
100
7.0
13
15
SMP5951
SMP5952
– 30
– 1.0
– 1.0
– 15
– 1.3
– 3.5
15
100
4.0
8.0
15
SMP5952
SMP5953
– 30
– 1.0
– 1.0
– 15
– 0.8
– 3.0
15
100
2.5
5.0
15
SMP5953
SMP6451
– 20
– 1.0
– 1.0
– 15
– 0.5
– 3.5
10
1.0
5.0
20
10
SMP6451
SMP6452
– 25
– 1.0
– 1.0
– 15
– 0.5
– 3.5
10
1.0
5.0
20
10
SMP6452
SMP6453
– 20
– 1.0
– 1.0
– 10
– 0.75
– 5.0
10
1.0
15
50
10
SMP6453
SMP6454
– 25
– 1.0
– 1.0
15
– 0.75
– 5.0
10
1.0
15
50
10
SMP6454
SMPBC264A
– 30
– 1.0
– 10
– 20
– 0.5
—
15
10
2.0
4.5
15
SMPBC264A
SMPBC264B
– 30
– 1.0
– 10
– 20
– 0.5
—
15
10
3.5
6.5
15
SMPBC264B
SMPBC264C
– 30
– 1.0
– 10
– 20
– 0.5
—
15
10
5.0
8.0
15
SMPBC264C
SMPBC264D
– 30
– 0.1
– 10
– 20
– 0.5
—
15
10
7.0
12
15
SMPBC264D
SMPBF244A
– 30
– 1.0
– 10
– 20
– 0.5
—
15
10
2.0
6.5
15
SMPBF244A
SMPBF244B
– 30
– 1.0
– 10
– 20
– 0.5
—
15
10
6.0
15
15
SMPBF244B
Electrical Chara
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Device
Type
BV
GSS
I
GSS
V
GS (OFF)
I
DSS
Limits
Conditions
Min
@IG
Max
@VGS
Min
Max
VDS
ID
Min
Max
@VDS
(V)
(µA)
(nA)
(V)
(V)
(V)
(V)
(nA)
(mA)
(mA)
(V)
Databook.fxp
1/13/99 2:09 PM
Page E-6



Html Pages

1 2 3 4 5 6 7 8 9 10