| データシートサーチシステム |
|
F4MP データシート(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
F4MP データシート(HTML) 31 Page - NXP Semiconductors |
|
31 / 37 page ![]() PTN3355 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 3.1 — 4 November 2016 31 of 37 NXP Semiconductors PTN3355 Low power DP to VGA adapter with integrated 1 : 2 VGA switch Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 15. For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. Table 28. Lead-free process (from J-STD-020D) Package thickness (mm) Package reflow temperature ( C) Volume (mm3) < 350 350 to 2000 > 2000 < 1.6 260 260 260 1.6 to 2.5 260 250 245 > 2.5 250 245 245 MSL: Moisture Sensitivity Level Fig 15. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |