データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF-13 データシート(PDF) 7 Page - Panasonic Semiconductor

部品番号 RF-13
部品情報  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-13 データシート(HTML) 7 Page - Panasonic Semiconductor

Back Button RF-13 Datasheet HTML 3Page - Panasonic Semiconductor RF-13 Datasheet HTML 4Page - Panasonic Semiconductor RF-13 Datasheet HTML 5Page - Panasonic Semiconductor RF-13 Datasheet HTML 6Page - Panasonic Semiconductor RF-13 Datasheet HTML 7Page - Panasonic Semiconductor RF-13 Datasheet HTML 8Page - Panasonic Semiconductor RF-13 Datasheet HTML 9Page - Panasonic Semiconductor RF-13 Datasheet HTML 10Page - Panasonic Semiconductor RF-13 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6
BGS / FGS functions make even the most challenging settings possible!
The BGS function is best suited for the following case
The FGS function is best suited for the following case
Background not present
When object and background are separated
Background present
When object and background are close together
When the object is glossy or uneven
Not affected if the background
color changes or someone
passes behind the conveyor.
Unaffected by gloss, color
or uneven surfaces when
sensing objects present on
a conveyor belt.
Caution: Please use the FGS function together with a conveyor or other background
unit.
FGS (Foreground suppression) function
The sensor judges that an object is present when no light is
received at position B of the light-receiving element (2-segment
element). Accordingly, even objects that are glossy can be
sensed. This is useful if the object and background are close
together, or if the object being sensed is glossy.
Conveyor
Conveyor
Conveyor
Light received at
position A
Light is not received
at position B, so an
object is judged to
be present
Light received at
position B
A
Lens
Emitting
element
Object present
For glossy object
Object absent
ON
ON
OFF
B
OFF in this condition only
ON in all other conditions
Setting
distance
A conveyor or other
back-ground must
be present
(
)
BGS (Background suppression) function
The sensor judges that an object is present when light is received
at position A of the light-receiving element (2-segment element).
This is useful if the object and background are far apart. The
distance adjustment method is the same as the conventional
adjustment method for adjustable range reflective type sensors.
Setting distance
Object
Moving object
in the back
ON
OFF
Element B
Element A
Light received at
element B, or
light not received
(
)
(
)
Light received
at element A
Detects minute objects unaffected by glossy
background objects. Uses FGS function.
Stable sensing even for thin objects. Uses
FGS function.
Not affected by color variations in objects and
background objects. Uses BGS function.
Applications
■ Small tablet detection
■ Thin biscuit detection
■ Passage confirmation
CX-443
CX-442
CX-441
BGS
FGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24