データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1108544 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1108544
部品情報  Industrial Ethernet Switch - SCX 2POE 2T
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1108544 データシート(HTML) 2 Page - PHOENIX CONTACT

  1108544 Datasheet HTML 1Page - PHOENIX CONTACT 1108544 Datasheet HTML 2Page - PHOENIX CONTACT 1108544 Datasheet HTML 3Page - PHOENIX CONTACT 1108544 Datasheet HTML 4Page - PHOENIX CONTACT 1108544 Datasheet HTML 5Page - PHOENIX CONTACT 1108544 Datasheet HTML 6Page - PHOENIX CONTACT 1108544 Datasheet HTML 7Page - PHOENIX CONTACT 1108544 Datasheet HTML 8Page - PHOENIX CONTACT 1108544 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Technical Data
Dimensions
Dimensional drawing
Width
284 mm
Height
364 mm
Depth
121 mm
Material specifications
Polycarbonate PC (Housing)
Polyamide (Cable gland)
Material
Neoprene (Cable gland seal, black)
V0 (Housing, a vertically clamped sample is extinguished within
10 seconds, no flaming droplets of molten plastic, smoldering for
a maximum of 60 seconds)
Flammability rating according to UL 94
V2 (Cable gland; a vertically tensioned sample is extinguished
within 30 seconds; flaming droplets are permitted)
Impact strength
IK10 (in accordance with IEC 62262: Impact energy of 20 J,
corresponds to 5 kg from a height of 40 cm)
Mounting
Wall mounting
Mounting type
Mast mounting
Interfaces
Basic functions
Store-and-forward switch, complies with IEEE 802.3
Data: Ethernet / Fast Ethernet / Gigabit Ethernet
Transmission speed
10/100/1000 Mbps
Connection method
RJ45 jack
No. of channels
2 (RJ45 ports)
Transmission length
100 m (per segment)
Transmission medium
Copper
165 W (>55°C derating, see data sheet)
155 W (If switching output is active, >55°C derating)
Maximum output power
90 W (per port POE1/2, >50°C derating, see data sheet)
Data: Ethernet / Fast Ethernet / Gigabit Ethernet
Industrial Ethernet Switch - SCX 2POE 2T
1108544
https://www.phoenixcontact.com/us/products/1108544
Dec 2, 2022, 6:47 AM
Page 2 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com