データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDS4150 データシート(PDF) 3 Page - Diodes Incorporated

部品番号 PDS4150
部品情報  4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS4150 データシート(HTML) 3 Page - Diodes Incorporated

  PDS4150 Datasheet HTML 1Page - Diodes Incorporated PDS4150 Datasheet HTML 2Page - Diodes Incorporated PDS4150 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30473 Rev. 8 - 2
3 of 3
PDS4150
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
S4150 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year ex: 05 for 2005
WW = Week code 01 to 52
K = Factory Designator
YYWWK
S4150
Marking Information
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
PDS4150-13
PowerDIä5
5000/Tape & Reel
Ordering Information (Note 6)
0
1
2
3
4
0
1
3
2
4
5
6
7
8
9
10
I , FORWARD CURRENT (A)
Fig. 5 Forward Power Dissipation
F
I
PK
I
AV
= 1 (DC)
0
40
200
160
120
80
0
50
100
150
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R



Html Pages

1 2 3