データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FD4D024F9 データシート(PDF) 1 Page - Belden Inc.

部品番号 FD4D024F9
部品情報  Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo BELDEN - Belden Inc.

FD4D024F9 データシート(HTML) 1 Page - Belden Inc.

  FD4D024F9 Datasheet HTML 1Page - Belden Inc. FD4D024F9 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FD4D024F9
Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
Product Description
FX Indoor/Outdoor OM4 Distribution Tight Buffer 24 Fibers OFCR Aluminum Interlocked Armor Non-Unitized Black Jacket
Technical Specifications
Product Overview
Product Category:
Fiber Distribution Cable
Suitable Applications:
Premise Backbone
Fiber Specifications
Fiber Type:
OM4
Fiber Core Diameter:
50/125 µm
Buffer Material:
PVC - Polyvinyl Chloride
Buffer Diameter:
900 µm
Fiber Count:
24
Fiber Color Coding:
TIA-598-D
Cable Construction
Cable Core Waterblocking:
Waterblocking Aramid Yarns
Inner Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.325 in (8.3 mm)
Color:
Black
Number of Ripcords:
1
Armor Specifications
Armor Type and Material:
AIA - Aluminum Interlock Armor
Outer Jacket Specifications
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.600 in (15.2 mm)
Color:
Black
Optical Characteristics
Wavelength
850 nm
1300 nm
Max. Attenuation
3.0 dB/km
1.0 dB/km
1 Gigabit Ethernet Performance
1100 m
550 m
10 Gigabit Ethernet Performance
550 m
--
Min. Effective Modal Bandwidth (EMB)
4700 MHz.km --
Min. Overfilled Launch (OFL) Bandwidth 3500 MHz.km 500 MHz.km
Mechanical Characteristics


同様の部品番号 - FD4D024F9

メーカー部品番号データシート部品情報
logo
Belden Inc.
FD4D024FJ BELDEN-FD4D024FJ Datasheet
139Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
More results

同様の説明 - FD4D024F9

メーカー部品番号データシート部品情報
logo
Belden Inc.
FD4D012F9 BELDEN-FD4D012F9 Datasheet
141Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 12Fibers Aluminum Interlocked
2022 Belden, Inc
FD4D024A9 BELDEN-FD4D024A9 Datasheet
142Kb / 2P
Indoor/Outdoor Plenum OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD4D024AJ BELDEN-FD4D024AJ Datasheet
139Kb / 2P
Indoor/Outdoor Plenum OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD4D024FJ BELDEN-FD4D024FJ Datasheet
139Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD4D024RJ BELDEN-FD4D024RJ Datasheet
148Kb / 2P
Indoor/Outdoor Riser OM4 Distribution 24Fibers
2022 Belden, Inc
FDSD024F9 BELDEN-FDSD024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FDSD024FJ BELDEN-FDSD024FJ Datasheet
139Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD1D024F9 BELDEN-FD1D024F9 Datasheet
142Kb / 2P
Indoor/Outdoor Riser OM1 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD1D024FJ BELDEN-FD1D024FJ Datasheet
140Kb / 2P
Indoor/Outdoor Riser OM1 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
FD2D024FJ BELDEN-FD2D024FJ Datasheet
140Kb / 2P
Indoor/Outdoor Riser OM2 Distribution 24Fibers Aluminum Interlocked
2022 Belden, Inc
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com