| データシートサーチシステム |
|
ARA2000 データシート(PDF) 4 Page - ANADIGICS, Inc |
|
|
|||||||||||||||||||||||||||||
ARA2000 データシート(HTML) 4 Page - ANADIGICS, Inc |
|
4 / 20 page ![]() 4 Data Sheet - Rev 2.2 06/2004 ARA2000 ELECTRICAL CHARACTERISTICS R E T E M A R A P N I M X A M T I N U ) 4 2 , 1 2 , 9 , 4 , 2 s n i p ( y l p p u S g o l a n A0 9 C D V V : y l p p u S l a t i g i D CMOS ) 1 1 n i p (0 6 C D V ) 3 2 , 6 s n i p ( 2 g V , 1 g V s l o r t n o C r e i f il p m A5 -2 V F R s t u p n I t a r e w o P s n i p ( 8 , 5 ) -0 6 +V m B d ) 6 1 , 5 1 , 4 1 , 3 1 , 2 1 s n i p ( e c a f r e t n I l a t i g i D5 . 0 -VCMOS 5 . 0 +V e r u t a r e p m e T e g a r o t S5 5 -0 0 2 + 0C e r u t a r e p m e T g n i r e d l o S- 0 6 2 0C e m i T g n i r e d l o S- 5 c e S Table 2: Absolute Minimum and Maximum Ratings Table 3: Operating Ranges R E T E M A R A P N I M P Y T X A M T I N U V : y l p p u S r e i f il p m A DD ) 4 2 , 1 2 , 9 , 4 s n i p (5 . 45 7 C D V V : y l p p u S r o t a u n e t t A ATTN ) 2 n i p (VDD 5 . 0 -5 7 C D V V : y l p p u S l a t i g i D CMOS ) 1 1 n i p (0 . 3- 5 . 5C D V ) 6 1 , 5 1 , 4 1 , 3 1 , 2 1 s n i p ( e c a f r e t n I l a t i g i D0 - VCMOS V ) 3 2 , 6 s n i p ( 2 g V , 1 g V s l o r t n o C r e i f il p m A5 -1 2 V e r u t a r e p m e T e s a C0 4 -5 25 8 0C Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: 1. Pins 3, 5, 8, 10, 19, 20, 25 and 26 should be AC-coupled. No external DC bias should be applied. 2. Pins 7 and 22 should be grounded or pulled to ground through a resistor. No external DC bias should be applied. |