| データシートサーチシステム |
|
CSTCR4M09G55B-R0 データシート(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CSTCR4M09G55B-R0 データシート(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 2 page ![]() Product Search Data Sheet CSTCR4M09G55B-R0 Note: This datasheet may be out of date. Please download the latest datasheet of CSTCR4M09G55B-R0 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=CSTCR4M09G55B-R0 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated12/28/2022 Appearance & Shape Applications Automotive Usage Powertrain/Safety Other Usage Automotive Packaging Information Packaging Specifications Standard Packing Quantity R0 180mm Embossed Tape 3000 Features MURATA's frequency adjustment and package technology expertise has enabled the development of the chip CERALOCK(R) with built-in load capacitors. This diverse series owes its development to MURATA's original mass production techniques and high reliability, and has achieved importance in the worldwide automotive market. Features 1. The series has high reliability and is available for a wide temperature range. 2. Oscillation circuits do not require external load capacitors. 3. The series is available in a wide frequency range. 4. The resonators are extremely small and have a low profile. 5. No adjustment is necessary for oscillation circuits. 1 of 2 |
同様の部品番号 - CSTCR4M09G55B-R0 |
|
同様の説明 - CSTCR4M09G55B-R0 |