データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P89LPC952FBD データシート(PDF) 13 Page - NXP Semiconductors

部品番号 P89LPC952FBD
部品情報  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD データシート(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 9Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 10Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 11Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 12Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 13Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 14Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 15Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 16Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
13 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
7.
Functional description
Remark: Please refer to the
P89LPC952 User’s Manual for a more detailed functional
description.
7.1 Special function registers
Remark: SFR accesses are restricted in the following ways:
• User must not attempt to access any SFR locations not defined.
• Accesses to any defined SFR locations must be strictly for the functions for the SFRs.
• SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows:
– ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value
when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
– ‘0’ must be written with ‘0’, and will return a ‘0’ when read.
– ‘1’ must be written with ‘1’, and will return a ‘1’ when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66