データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCCP27A データシート(PDF) 12 Page - STMicroelectronics

部品番号 STCCP27A
部品情報  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27A データシート(HTML) 12 Page - STMicroelectronics

Back Button STCCP27A Datasheet HTML 8Page - STMicroelectronics STCCP27A Datasheet HTML 9Page - STMicroelectronics STCCP27A Datasheet HTML 10Page - STMicroelectronics STCCP27A Datasheet HTML 11Page - STMicroelectronics STCCP27A Datasheet HTML 12Page - STMicroelectronics STCCP27A Datasheet HTML 13Page - STMicroelectronics STCCP27A Datasheet HTML 14Page - STMicroelectronics STCCP27A Datasheet HTML 15Page - STMicroelectronics STCCP27A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Timing diagram
STCCP27A
12/19
Figure 9.
Enabled sync mode free running clock IN (SYNC_SEL=VDD) (D1-D8 will get out input
data DIN only, excluding sync code)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19