データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCCP27ATBR データシート(PDF) 15 Page - STMicroelectronics

部品番号 STCCP27ATBR
部品情報  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27ATBR データシート(HTML) 15 Page - STMicroelectronics

Back Button STCCP27ATBR Datasheet HTML 11Page - STMicroelectronics STCCP27ATBR Datasheet HTML 12Page - STMicroelectronics STCCP27ATBR Datasheet HTML 13Page - STMicroelectronics STCCP27ATBR Datasheet HTML 14Page - STMicroelectronics STCCP27ATBR Datasheet HTML 15Page - STMicroelectronics STCCP27ATBR Datasheet HTML 16Page - STMicroelectronics STCCP27ATBR Datasheet HTML 17Page - STMicroelectronics STCCP27ATBR Datasheet HTML 18Page - STMicroelectronics STCCP27ATBR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STCCP27A
Package mechanical data
15/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19