データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8590GEDS/V データシート(PDF) 33 Page - Wolfson Microelectronics plc

部品番号 WM8590GEDS/V
部品情報  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/V データシート(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
33
LIMITER / AUTOMATIC LEVEL CONTROL (ALC)
The WM8590 has an automatic pga gain control circuit, which can function as a peak limiter or as an
automatic level control (ALC). In peak limiter mode, a digital peak detector detects when the input
signal goes above a predefined level and will ramp the pga gain down to prevent the signal becoming
too large for the input range of the ADC. When the signal returns to a level below the threshold, the
pga gain is slowly returned to its starting level. The peak limiter cannot increase the pga gain above
its static level.
Figure 21 Limiter Operation
In ALC mode, the circuit aims to keep a constant recording volume irrespective of the input signal
level. This is achieved by continuously adjusting the PGA gain so that the signal level at the ADC
input remains constant. A digital peak detector monitors the ADC output and changes the PGA gain
if necessary.
input
signal
signal
after
PGA
PGA
gain
Limiter
threshold
attack
time
decay
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51