| データシートサーチシステム |
|
DOM40S3V080 データシート(PDF) 27 Page - Hanbit Electronics Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
DOM40S3V080 データシート(HTML) 27 Page - Hanbit Electronics Co.,Ltd |
|
27 / 29 page ![]() HANBit HFDOM40S3Vxxx URL:www.hbe.co.kr 27 / 29 HANBit Electronics Co., Ltd. Rev. 1.0 (July, 2004) Write Sector(s) without Erase This command is similar to the Write Sector(s) command with the exception that an implied erase before write operation is not performed. This command has the same protocol as the Write Sector(s) command. The sectors should be pre-erased with the Erase Sector(s) command before this command is issued. If the sector is not pre- erased with the Erase Sector(s) command, a normal write sector operation will occur. Write Verify – 3Ch Bit-> 7 6 5 4 3 2 1 0 Command(7) 3Ch C/D/H(6) 1 LBA 1 Drive Head(LBA 27 – 24) Cyl High(5) Cylinder High (LBA 23 – 16) Cyl Low(4) LBA(15 – 8) Sec Num(3) Sector Number (LBA 7 – 0) Sec Cnt(2) Sector Count Feature(1) X Write Verify This command is similar to the Write Sector(s) command, except each sector is verified immediately after being written. This command has the same protocol as the Write Sector(s) command. Summaries of the valid status and error value for all the ATA Command set Error and Status Register Error Register Status Register Command BBk UNC IDNF ABRT AMNF DRDY DWF DSC CORR ERR CheckPowerMode V V V V V ExecuteDriveDiagnostic V V V V Erase Sector(s) V V V V V V Format Track V V V V V V Identify Drive V V V V V Idle V V V V V Idle Immediate V V V V V InitializeDriveParameter V V V Read Buffer V V V V V Read Multiple V V V V V V V V V Read Long Sector V V V V V V V Read Sector(s) V V V V V V V V V Read Verify Sectors V V V V V V V V V Recalibrate V V V V V Request Sense V V V V V Seek V V V V V |