| データシートサーチシステム |
|
BT818Q-R データシート(PDF) 39 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
BT818Q-R データシート(HTML) 39 Page - Bridgetek Pte Ltd. |
|
39 / 59 page ![]() Copyright © Bridgetek Pte Ltd 39 BT817/8 Advanced Embedded Video Engine Datasheet Version 1.1 Document No.: BRT_000302 Clearance No.: BRT#154 4.9.5 Pin Status at Different Power States The BT817/8 pin status depends on the power state of the chip. See the following table for more details. At the power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all pins retain their previous status. The software needs to set AUDIO_L, BACKLIGHT to a known state before issuing power transition commands. The pin status in the power down state can be changed by SPI command PIN_PD_STATE. Pin Name Default Drive Strength Degree Reset Normal Power Down (Default) AUDIO_L DSD4 Out, Float Out Retain SCK - In In In MISO DSD1 Out, Float (CS_N = 1) IO Out, Float MOSI DSD1 In IO In CS_N - In In In IO2 GPIO0 DSD1 In In IO IO Float Float IO3 GPIO1 DSD1 In In IO IO Float Float GPIO2 DSD1 In IO Float INT_N DSD1 OD, Float OD / Out Float PD_N - In In In GPIO3 DSD1 In IO Float SPIM_SCLK DSD1 Float Out Float SPIM_MISO DSD1 Float IO Float SPIM_MOSI DSD1 Float IO Float SPIM_SS_N DSD1 Float Out Float SPIM_IO2 DSD1 Float IO Float SPIM_IO3 DSD1 Float IO Float X1/CLK - In In In X2 Out Out High XP - IO, Float IO High YP - IO, Float IO High XM - IO, Float IO Retain YM - IO, Float IO Retain CTP_RST_N DSD1 Low Out Pull Low CTP_INT_N DSD1 In IO In CTP_SCL DSD4 OD I/OD Float CTP_SDA DSD4 OD I/OD Float BACKLIGHT DSD1 Low Out Pull Low DE DSD1 Low Out Pull Low VSYNC DSD1 Low Out Pull Low HSYNC DSD1 Low Out Pull Low DISP DSD1 Low Out Pull Low PCLK DSD1 Low Out Pull Low R/G/B DSD1 Low Out Pull Low Table 4-23 Pin Status |