データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V53C1256162VBLS7PC データシート(PDF) 44 Page - List of Unclassifed Manufacturers

部品番号 V53C1256162VBLS7PC
部品情報  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7PC データシート(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS7PC Datasheet HTML 38Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 39Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 40Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 41Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 42Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 43Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 44Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 45Page - List of Unclassifed Manufacturers V53C1256162VBLS7PC Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
Package Diagram
54-Pin Plastic TSOP-II (400 mil)
0.881 -0.01
[22.38 -0.25]
0.031
[0.80]
.004 [0.1]
54
Index Marking
M
28
1
Does not include plastic or metal protrusion of 0.15 max. per side
1
27
0.047 [1.20] MAX
0.04
±0.002
[1
±0.05]
Unit in inches [mm]
0.400
±0.005
[10.16
±0.13]
0.463
± 0.008
[11.76
± 0.20]
0.006 [0.15] MAX
+0.004
-0.002
0.024
± 0.008
[0.60
± .020]
1
0.006
+0.01
-0.05
0.15
.008 [0.2]
54x
+0.002
-0.004
0.016
+0.05
-0.10
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46