データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AORN2001ATS データシート(PDF) 3 Page - Vishay Siliconix

部品番号 AORN2001ATS
部品情報  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AORN2001ATS データシート(HTML) 3 Page - Vishay Siliconix

  AORN2001ATS Datasheet HTML 1Page - Vishay Siliconix AORN2001ATS Datasheet HTML 2Page - Vishay Siliconix AORN2001ATS Datasheet HTML 3Page - Vishay Siliconix AORN2001ATS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AORN
www.vishay.com
Vishay Dale Thin Film
Revision: 06-Apr-2021
3
Document Number: 60127
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Examples:
1. 2-1 = ratio between resistance values
2. 1001 = four 1K resistors
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
CONDITONS
SUGGESTED
PRODUCT
LIMITS
TYPICAL VISHAY
PERFORMANCE
< 10K
TYPICAL VISHAY
PERFORMANCE
> 10K
Max. Ambient Temperature
at Rated Wattage
+70 °C
+70 °C
+70 °C
Max. Ambient Temperature
at Power Derating
+155 °C
+155 °C
+155 °C
High Temperature Exposure
ΔR
MIL-STD-202, 108, 1000 h at 155 °C
± 0.20 %
0.08 %
0.045 %
Temperature Cycling
ΔR
JESD22, A104, 1000 cycles,
-55 °C to +155 °C
± 0.25 %
0.012 %
0.010 %
Moisture Resistance
ΔR
MIL-STD-202 method 106
± 0.20 %
0.007 %
0.007 %
Biased Humidity
ΔR
MIL-STD-202, 103, 1000 h at 85 °C,
85 % RH, 10 % P
± 0.25 %
0.075 %
0.075 %
Life
ΔR
MIL-STD-202, 108, 1000 h at 155 °C
± 0.50 %
0.199 %
0.221 %
Mechanical Shock
ΔR
MIL-STD-202 method 213, condition C
± 0.25 %
0.004 %
0.002 %
Vibration
ΔR
MIL-STD-202 method 204,
10 Hz to 2 kHz
± 0.25 %
0.004 %
0.002 %
Resistance to Soldering Heat
ΔR
MIL-STD-202, 204, condition B
± 0.10 %
-0.008 %
0.016 %
Electrostatic Discharg
ΔR
AEC-Q200-002 at 1 kV, human body
± 0.50 %
-0.028 %
AEC-Q200-002 at 2 kV, human body
± 0.50 %
0.108 %
Solderability
J-STD-002 method B and B1
95 %
Acceptable
Acceptable
Terminal Strenght
ΔR
AEC-Q200-006 at 1 kg for 60 s
Acceptable
Acceptable
Flame Retardance
AEC-Q200-001 Para 4.0
Acceptable
Acceptable
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: AORN 5-1
GLOBAL MODEL
(4 digits)
DIVIDER (1) or RESISTANCE
(3, 4 or 5 digits)
TOLERANCE %
(ABSOLUTE / RATIO)
PACKAGING
AORN
8 pin SOIC, surface-mount
(e4)
2 - 1
5 - 1
10 - 1
20 - 1
25 - 1
50 - 1
100 - 1
or
1001
2001
4991
1002
2002
2492
4992
1003
A = 0.1 / 0.05
B = 0.1 / 0.1
C = 0.25 / 0.1
D = 0.5 / 0.1
F = 1.0 / 0.5
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = full reel 3000
TS = 100 min., 1 mult
UF = TUBED
OR
N
1
0
1
A
0
A
F
U
OR
N
-
1
5
A
F
U
A



Html Pages

1 2 3 4