| データシートサーチシステム |
|
PRV6CSLABYB12502MA データシート(PDF) 6 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PRV6CSLABYB12502MA データシート(HTML) 6 Page - Vishay Siliconix |
|
6 / 7 page ![]() PRV6 www.vishay.com Vishay Sfernice Revision: 15-Jun-2022 6 Document Number: 51035 For technical questions, contact: sferpottrimmers@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Special manufacturing, not standard STANDARD COMBINATION OF SHAFT STYLES AND BUSHING BUSHING LOCATING PEG STANDARD COMBINATION OF SHAFT STYLES AND BUSHING A AAA AB AJ BA BB BG BJ L AA AB AJ BA BB BG BJ 0 (1) AA AB AJ BA BB BG BJ B AAA AB AJ BA BB BG BJ LAA AB AJ BA BB BG BJ 0 (1) AA AB AJ BA BB BG BJ C A AB AJ BB BG BJ L AB AJ BB BG BJ 0 (1) AB AJ BB BG BJ D AAA AB AJ BA BB BG BJ LAA AB AJ BA BB BG BJ 0 (1) AA AB AJ BA BB BG BJ E A AB AJ BB BG BJ L AB AJ BB BG BJ 0 (1) AB AJ BB BG BJ H R EA EB EJ I R EA EB EJ J 0 EA EB EJ K 0 EA EB EJ S (QH) R EA EB EJ S (QPH) 0 EA EB EJ ORDERING INFORMATION (part number) MODEL STYLE BUSHING LOCATING PEG SHAFT LEADS PACKAGING RESISTANCE CODE/ TOLERANCE/ TAPER OR SPECIAL PRV6 S = standard A = audio B = body length C = audio and body length ØL Old codes 0 = without A = 45° L = 30° R = 180° round (see locating peg table above) ØL Old codes X = PCB pins (old code W) Y = solder lugs Depending of body and shaft construction: B12 = box 15 pcs B15 = box 20 pcs B17 = box 25 pcs B25 = box 50 pcs Resistance: from 200 = 20 Ω to 106 = 10 M Ω for linear cermet Tolerance: standard M = 20 % on request K = 10 % or J = 5 % Taper: A, L, F or special code given by Vishay A1/4 1/4 6 AA 3 9.5 K B 1/4 3/8 61 AB 3 12.5 M C1/4 1/2 62 AJ 3 22 R D 1/4 3/8 61H BA 1/8 9.5 CK E 1/4 1/2 62H BB 1/8 12.5 CM H 7 6.5 6Q BG 1/8 16 CD I 7 9.5 61Q BJ 1/8 22 CR J7 6.5 6QP EA 4 9.5 E K 7 9.5 61QP EB 4 12.5 F S 7 9.5 61QH EJ 4 22 G S 7 9.5 61QPH AP custom shaft all are slotted PART NUMBER DESCRIPTION (for information only using old codes) PRV S 61 W CD 5K 20 % A BO e3 MODEL BUSHING LEADS SPECIAL SHAFT VALUE TOLERANCE TAPER SPECIAL PACKAGING SPECIAL AP No SPECIAL LEAD FINISH RELATED DOCUMENTS APPLICATION NOTES Potentiometers and Trimmers www.vishay.com/doc?51001 Guidelines for Vishay Sfernice Resistive and Inductive Components www.vishay.com/doc?52029 6B B A G 1 7 B RV 02 5 P MA X B |