| データシートサーチシステム |
|
T54E6M030CSS075 データシート(PDF) 21 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
T54E6M030CSS075 データシート(HTML) 21 Page - Vishay Siliconix |
|
21 / 24 page ![]() Polymer Guide www.vishay.com Vishay Revision: 08-Sep-2022 10 Document Number: 40076 For technical questions, contact: polytech@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 MOLDED CAPACITORS, T50 / T51 / T55 / T56 TYPES LEADFRAMELESS MOLDED CAPACITORS T52 / T58 LEADFRAMELESS MOLDED CAPACITORS T59 / T54 / 20021 PAD DIMENSIONS in millimeters CASE / DIMENSIONS CAPACITOR SIZE PAD DIMENSIONS L W G (max.) Z (min.) X (min.) Y (Ref.) J 1.6 0.8 0.7 2.5 1.0 0.9 P 2.0 1.25 0.5 2.6 1.2 1.05 A 3.2 1.6 1.1 3.8 1.5 1.35 T / B 3.5 2.8 1.4 4.1 2.7 1.35 C 5.8 3.2 2.9 6.9 2.7 2.0 Z / V / D 7.3 4.3 4.1 8.2 2.9 2.05 PAD DIMENSIONS in inches [millimeters] FAMILY CASE CODE A (NOM.) B (MIN.) C (NOM.) D (MIN.) T52 E5 0.094 [2.40] 0.077 [1.95] 0.180 [4.57] 0.333 [8.46] M1, M9 0.178 [4.52] 0.098 [2.48] 0.138 [3.50] 0.333 [8.46] B2 0.081 [2.06] 0.057 [1.44] 0.070 [1.77] 0.183 [4.64] T58 MM 0.024 [0.61] 0.027 [0.70] 0.025 [0.64] 0.080 [2.03] W0, W9 0.035 [0.89] 0.029 [0.74] 0.041 [1.05] 0.099 [2.52] A0 0.047 [1.19] 0.042 [1.06] 0.065 [1.65] 0.148 [3.76] BB 0.094 [2.39] 0.044 [1.11] 0.072 [1.82] 0.159 [4.03] PAD DIMENSIONS in inches [millimeters] FAMILY CASE CODE A (NOM.) B (MIN.) C (NOM.) D (MIN.) T59 / T54 EE 0.209 [5.30] 0.098 [2.50] 0.169 [4.30] 0.366 [9.30] T54 E2 / E3 0.128 [3.24] 0.120 [3.04] 0.154 [3.92] 0.394 [10.0] E4 / E6 0.301 [7.64] 0.120 [3.04] 0.154 [3.92] 0.394 [10.0] 3E 0.482 [12.24] 0.120 [3.04] 0.154 [3.92] 0.394 [10.0] 6E 0.482 [12.24] 0.120 [3.04] 0.154 [3.92] 0.394 [10.0] 20021 EE 0.209 [5.30] 0.098 [2.50] 0.169 [4.30] 0.366 [9.30] Capacitor Pattern L Y Z G XW A Pads B C D Capacitor body A B C D Pads Capacitor body |