| データシートサーチシステム |
|
DGD0504FN-7 データシート(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DGD0504FN-7 データシート(HTML) 3 Page - Diodes Incorporated |
|
3 / 11 page ![]() DGD0504 Document number: DS38668 Rev. 3 - 2 3 of 11 www.diodes.com August 2022 © 2022 Copyright Diodes Incorporated. All Rights Reserved. DGD0504 Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Value Unit High-Side Floating Supply Voltage VB -0.3 to +124 V High-Side Floating Supply Offset Voltage VS VB – 24 to VB + 0.3 V High-Side Floating Output Voltage VHO VS – 0.3 to VB + 0.3 V Offset Supply Voltage Transient dVS/dt 50 V/ns Low-Side Fixed Supply Voltage VCC -0.3 to +24 V Low-Side Output Voltage VLO -0.3 to VCC + 0.3 V Logic Input Voltage (IN and SD*) VIN -0.3 to VCC + 0.3 V Thermal Characteristics (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Value Unit Power Dissipation Linear Derating Factor (Note 5) PD 0.4 W Thermal Resistance, Junction to Ambient (Note 5) RθJA 64 °C/W Thermal Resistance, Junction to Case (Note 5) RθJC 42 °C/W Operating Temperature TJ +150 °C Lead Temperature (Soldering, 10s) TL +300 Storage Temperature Range TSTG -55 to +150 Note: 5. When mounted on a standard JEDEC 2-layer FR-4 board. Recommended Operating Conditions Parameter Symbol Min Max Unit High Side Floating Supply Absolute Voltage VB VS + 10 VS + 20 V High Side Floating Supply Offset Voltage VS (Note 6) 100 V High Side Floating Output Voltage VHO VS VB V Low Side Fixed Supply Voltage VCC 10 20 V Low Side Output Voltage VLO 0 VCC V Logic Input Voltage (IN and SD*) VIN 0 5 V Ambient Temperature TA -40 +125 °C Note: 6. Logic operation for VS of -5V to +100V. Logic state held for VS of -5V to -VBS. |