| データシートサーチシステム |
|
WCSA760 データシート(PDF) 7 Page - DIWELL Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
WCSA760 データシート(HTML) 7 Page - DIWELL Electronics Co., Ltd. |
|
7 / 9 page ![]() WCSA760 Winson reserves the right to make changes to improve reliability or manufacturability. ©Winson, 2020/1/16 Page 7 Application Circuit and Note: (1)Current Switching - Direct Setting Method: 1.Supply Voltage : apply voltage Vdd。 2.Measure the Overcurrent Value : Vset pin and Vout pin are short-circuited, and output pin does not need to be connected to any load which is as shown in Fig.11. Users can set the IP overcurrent value by putting the target current which is flowing through this hole. Then, measure the output voltage (Vout) directly by a multimeter under DC mode and records this voltage. - + Reference Voltage ② Vset Internal Signal (VIP) ③ Vout ① Vdd ④ GND +IP Current Path ①Vdd ④GND ③Vout Fig. 11 3.Set the Overcurrent Value : Vset pin and Vout pin are open-circuited, which is shown in Fig.12. The Vset pin input the above-mentioned measured voltage value. The VIP is an internal Hall sensing signal, which converts into a proportional voltage according to the IP current. - + Reference Voltage ② Vset Internal Signal (VIP) ③ Vout ① Vdd ④ GND ②Vset +IP Current Path ①Vdd ④GND ③Vout Fig. 12 4.Output : the output voltage levels will change according to the Vset voltage. Output “High” when VIP > Vset Output “Low” when VIP < Vset |