| データシートサーチシステム |
|
196HVC データシート(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
196HVC データシート(HTML) 4 Page - Vishay Siliconix |
|
4 / 14 page ![]() 196 HVC ENYCAP™ www.vishay.com Vishay BCcomponents Revision: 09-Jun-2021 4 Document Number: 28409 For technical questions, contact: hybridstorage@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 5 - Form D1: Surface Mount Flat (single cell, keyed polarity) Fig. 6 - Form D2: Surface Mount Flat (single cell, keyed polarity) Fig. 7 - Form E2: Surface Mount Flat Fig. 8 - Form E3: Surface Mount Flat Fig. 9 - Form E4: Surface Mount Flat 3 +0.5 -0.5 Ø 7.5 max. 0.75 (2 x) 0 + _ 0.1 (2 x) 2.8 max. (including tags thickness) R1.5 (inner radius) 0.5 1.35 8.9 (2 x) +0.5 -0.5 3 + 0.5 - 0.5 3.5 + 0.2 - 0.2 Ø 12.5 max. 0.1 (2 x) 2.8 max. 1.0 (2 x) + - Ø D max. 3 (2 x) Ø D max. 3.8 max. + - 0.5 (2 x) 1 (2 x) 0.1 (2 x) 4 (2 x) + 0.5 - 0.5 H max. L max. 3 (2 x) +- 0.1 (2 x) 4 ± 1 (2 x) 0.5 (2 x) 1 (2 x) 3.8 max. H max. 3.8 max. 0.5 (2 x) 0.1 (2 x) 1 (2 x) L max. 3 (2 x) 4 (2 x) + 1 - 1 + - |