データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

438-SERIES データシート(PDF) 2 Page - EDAC, All Rights Reserved.

部品番号 438-SERIES
部品情報  438 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Open Card Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EDAC [EDAC, All Rights Reserved.]
ホームページ  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

438-SERIES データシート(HTML) 2 Page - EDAC, All Rights Reserved.

  438-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 438-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edac.net
customerservice@edac.net
METAL TO METAL CARD EDGE CONNECTORS
415/438 SERIES
NUMBER
OF
CONTACTS
"A"
"B"
"D"
"E"
"F"
415
438
415
438
415
415, 438
438
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
17
2.406
61.11
2.570
65.28
2.134
54.20
2.300
58.42
1.920
48.77
1.600
40.64
1.900
48.26
23
3.006
76.35
3.170
80.52
2.734
69.44
2.900
73.66
2.520
64.01
2.200
55.88
2.500
63.50
29
3.606
91.59
3.770
95.76
3.334
84.68
3.500
88.90
3.120
79.25
2.800
71.12
3.100
78.74
35
4.206
106.83
4.370
111.00
3.934
99.92
4.100
104.14
3.720
94.49
3.400
86.36
3.700
93.98
41
4.806
122.07
4.970
126.24
4.534
115.16
4.700
119.38
4.320
109.73
4.000
101.60
4.300
109.22
47
5.620
142.75
5.570
141.48
5.352
135.94
5.300
134.62
5.030
127.76
4.600
116.84
4.900
124.46



Html Pages

1 2