| データシートサーチシステム |
|
CSMS15 データシート(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CSMS15 データシート(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() Central Semiconductor Corp. TM CSMS05 CSMS12 CSMS15 CSMS24 SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS R0 (13-September 2005) SOT-26 - CASE - MECHANICAL OUTLINE Pin Configuration Circuit Diagram Suggested mounting pad layout for maximum power dissipation (Dimensions in mm) Lead code: 1) Cathode D1 2) Anode D1, D2, D3, D4 3) Cathode D2 4) Cathode D3 5) Anode D1, D2, D3, D4 6) Cathode D4 For Standard mounting, refer to SOT-26 Package Details. |