| データシートサーチシステム |
|
DGD2136M データシート(PDF) 5 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DGD2136M データシート(HTML) 5 Page - Diodes Incorporated |
|
5 / 12 page ![]() DGD2136M Document number: DS41225 Rev. 3 - 2 5 of 12 www.diodes.com March 2021 © Diodes Incorporated DGD2136M DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7) Parameter Symbol Min Typ Max Unit Condition Logic “0” Input Voltage VIH 2.4 — — V — Logic “1” Input Voltage VIL — — 0.8 V — High Level Output Voltage, VBIAS - VO VOH — — 0.1 V IO = 0mA Low Level Output Voltage, VO VOL — — 0.1 V IO = 0mA Offset Supply Leakage Current ILK — — 10 µA VB = VS = 600V Quiescent VBS Supply Current IBSQ 10 85 130 µA VIN = 0V or 5V, EN = 0V Quiescent VCC Supply Current ICCQ — 1.1 1.6 mA VIN = 0V or 5V, EN = 0V Logic Input Bias Current (HO = LO = HIGH) IIN+ — 130 200 µA VIN = 0V Logic Input Bias Current (HO = LO = LOW) IIN- — 3.0 20 µA VIN = 5V Logic Enable “1” Input Bias Current IEN+ — 33 80 µA VEN = 5V Logic Enable “0” Input Bias Current IEN- — — 2.0 µA VEN = 0V VBS Supply Undervoltage Positive Going Threshold VBSUV+ 7.6 8.9 9.9 V — VBS Supply Undervoltage Negative Going Threshold VBSUV- 7.1 8.3 9.4 V — VCC Supply Undervoltage Positive Going Threshold VCCUV+ 7.6 8.9 9.9 V — VCC Supply Undervoltage Negative Going Threshold VCCUV- 7.1 8.3 9.4 V — Output High Short Circuit Pulsed Current IO+ 120 200 — mA VO = 0V, PW ≤ 10µs Output Low Short Circuit Pulsed Current IO- 250 350 — mA VO = 15V, PW ≤ 10µs Overcurrent Detect Positive Threshold VITH+ 400 500 600 mV — Overcurrent Detect Negative Threshold VITH- 340 420 500 mV — Short-Circuit Input Current ICSIN 6.0 11 16 µA VCSIN = 1V RCIN Positive Going Threshold Voltage VRCINTH+ 7.0 8.4 9.8 V — RCIN Negative Going Threshold Voltage VRCINTH- — 5.0 — V — Fault Output Low Level Voltage VFOL — 0.2 0.5 V VCS = 1V, IFO = 1.5mA RCIN on Resistance RDSRCIN 40 75 110 Ω IRCIN = 1.5mA Fault Output on Resistance RDSFO 80 130 180 Ω IFO = 1.5mA Note: 7. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six channels (HIN1*, 2*, 3* and LIN1*, 2*, 3*). The VO and IO parameters are applicable to the output pins (HO1, 2, 3 and LO1, 2, 3) and are referenced to COM. AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.) Parameter Symbol Min Typ Max Unit Condition Turn-On Propagation Delay tON 200 330 460 ns VS = 0V Turn-Off Propagation Delay tOFF 200 330 460 ns VS = 0V Turn-On Rise Time tr — 90 150 ns VS = 0V Turn-Off Fall Time tf — 35 60 ns VS = 0V Delay Matching tDM — — 50 ns — Enable Low to Output Shutdown Delay tEN 225 330 425 ns — ITRIP Pin Leading-Edge Blanking Time tBLT 200 300 400 ns — Time from ITRIP Triggering to FO* tFLT 360 550 760 ns From VITRIP = 1V to FO* turn off Time from ITRIP Triggering to All Gate Outputs Turn Off tITRIP 420 615 820 ns From VITRIP = 1V to starting gate turn off Input Filtering Time (HIN*, LIN*, EN) tFLTIN — 250 — ns — Fault Clear Time tFLTCLR — 1.6 — ms CRCIN = 1nF, RRCIN = 2MΩ Deadtime tDT 200 290 420 ns — Deadtime Matching tDTM — — 50 ns — Output Pulse Width Matching (Note 8) tPM — 50 75 ns PWIN > 1µs Note: 8. tPM is defined as PWIN – PWOUT. |