| データシートサーチシステム |
|
LCR1210-R100F データシート(PDF) 37 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F データシート(HTML) 37 Page - Skyworks Solutions Inc. |
|
37 / 46 page ![]() Si32172/3/5 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 37 Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021 9. Ordering Guide Table 17. Si32172/3/5 Ordering Guide P/N Description Package Type Max VBAT Temperature Si32172-C-FM1 Wideband capable FXS, Integrated Serial Interface LGA2 –110 V 0 to 70 °C Si32172-C-GM1 Wideband capable FXS, Integrated Serial Interface LGA2 –110 V –40 to 85 °C Si32173-C-FM1 Wideband capable FXS, Integrated Serial Interface LGA2 –140 V 0 to 70 °C Si32173-C-GM1 Wideband capable FXS, Integrated Serial Interface LGA2 –140 V –40 to 85 °C Si32175-C-FM1 Narrowband FXS, Integrated Serial Interface DTMF detection, pulse metering LGA2 –110 V 0 to 70 °C Si32175-C-GM1 Narrowband FXS, Integrated Serial Interface DTMF detection, pulse metering LGA2 –110 V –40 to 85 °C Notes: 1. Adding the suffix "R" to the part number (e.g., Si32172-B-FM 1R) denotes tape and reel. 2. LGA—Land Grid Array. |