データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUF508A データシート(PDF) 1 Page - Continental Device India Limited

部品番号 BUF508A
部品情報  NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BUF508A データシート(HTML) 1 Page - Continental Device India Limited

  BUF508A Datasheet HTML 1Page - Continental Device India Limited BUF508A Datasheet HTML 2Page - Continental Device India Limited BUF508A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
BUF508A
TO-220FP Fully Isolated
Plastic Package
Applications
High voltage, high - speed switching transistor in TO - 220FP package envelope intended
for use in horizontal deflection of colour television circuits.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage Peak Value; VBE=O
VCESM
1500
V
Collector Emitter Voltage
VCEO
700
V
Collector Current (DC)
IC
8.0
A
Collector Current (Peak)
ICM
15
A
Base Current (DC)
IB
4.0
A
Base Current (Peak)
IBM
6.0
A
Reverse Base Current
- IB(AV)
100
mA
(DC or average over any 20ms period)
Reverse Base Current *(Peak Value)
IBM
5.0
A
Power Dissipation upto Tmb=25ºC
Ptot
60
W
Operating & Storage Junction
Tj, Tstg
-65 to +150
ºC
Temperature Range
*Turn off current
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Cut off Current **
ICES
VCE=VCESM max, VBE=0
-
1.0
mA
Tj=125ºC
VCE=VCESM max, VBE=0
-
2.0
mA
Emitter Cut off Current
IEBO
VEB=6V,IC=0
-10
mA
Collector Emitter (sus) Voltage
VCEO (sus) IC=100mA, IB=0, L=25mH
700
-
V
Collector Emitter Saturation Voltage
VCE (Sat)
IC=4.5A, IB=2A
-
1.0
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=4.5A, IB=2A
-
1.3
V
DYNAMIC CHARACTERISTISC
Transition Frequency
ft
IC=0.1A, VCE=5V, f=5MHz
TYP 7.0
MHz
Collector Capacitance
Cc
IE=ie=0, VCB=10V, f=1MHz
TYP 125
pF
**Measured with half - sinewave voltage (curve tracer)
Q
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


同様の部品番号 - BUF508A

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
More results

同様の説明 - BUF508A

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2319 NTE-NTE2319 Datasheet
26Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Power Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
logo
Solid States Devices, I...
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com