| データシートサーチシステム |
|
TOP254 データシート(PDF) 37 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP254 データシート(HTML) 37 Page - Power Integrations, Inc. |
|
37 / 50 page ![]() Rev. M 12/21 37 TOP252-262 www.power.com NOTES: A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in magnitude with increas- ing temperature, and a positive temperature coefficient corresponds to a decrease in magnitude with increasing temperature. B. Guaranteed by characterization. Not tested in production. C. For externally adjusted current limit values, please refer to Figures 55a and 55b (Current Limit vs. External Current Limit Resis- tance) in the Typical Performance Characteristics section. The tolerance specified is only valid at full current limit. D. I2f calculation is based on typical values of I LIMIT and fOSC, i.e. ILIMIT(TYP) 2 × f OSC, where fOSC = 66 kHz or 132 kHz depending on package / F pin connection. See f OSC specification for detail. E. The TOPSwitch-HX will start up at 18 V DC drain voltage. The capacitance of electrolytic capacitors drops significantly at tempera- tures below 0 °C. For reliable start up at 18 V in sub zero temperatures, designers must ensure that circuit capacitors meet recommended capacitance values. F. Breakdown voltage may be checked against minimum BV DSS specification by ramping the DRAIN pin voltage up to but not exceeding minimum BV DSS. Parameter Symbol Conditions SOURCE = 0 V; T J = -40 to 125 °C (Unless Otherwise Specified) Min Typ Max Units Output (cont.) ON-State Resistance R DS(ON) TOP259 I D = 600 mA T J = 25 °C 1.45 1.70 W T J = 100 °C 2.25 2.60 TOP260 I D = 700 mA T J = 25 °C 1.20 1.40 T J = 100 °C 1.80 2.10 TOP261 I D = 800 mA T J = 25 °C 1.05 1.20 T J = 100 °C 1.55 1.80 TOP262 I D = 900 mA T J = 25 °C 0.90 1.05 T J = 100 °C 1.35 1.55 DRAIN Supply Voltage T J ≤ 85 °C, See Note E 18 V 36 OFF-State Drain Leakage Current I DSS V V, VM = Floating, IC = 4 mA, V DS = 560 V, TJ = 125 °C 470 mA Breakdown Voltage BV DSS V V, VM = Floating, IC = 4 mA, T J = 25 °C See Note F 700 V Rise Time t R Measured in a Typical Flyback Converter Application 100 ns Fall Time t F 50 ns Supply Voltage Characteristics Control Supply/ Discharge Current I CD1 Output MOSFET Enabled V X, VV, VM = 0 V 66 kHz Operation TOP252-255 0.6 1.2 2.0 mA TOP256-258 0.9 1.4 2.3 TOP259-262 1.1 1.6 2.5 132 kHz Operation TOP252-255 0.8 1.3 2.2 TOP256-258 1.1 1.6 2.5 TOP259-262 1.5 2.2 2.9 I CD2 Output MOSFET Disabled V X, VV, VM = 0 V 0.3 0.6 1.3 |