データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

48LM01 データシート(PDF) 16 Page - Microchip Technology

部品番号 48LM01
部品情報  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 データシート(HTML) 16 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 12Page - Microchip Technology 48LM01 Datasheet HTML 13Page - Microchip Technology 48LM01 Datasheet HTML 14Page - Microchip Technology 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 16
48L512/48LM01
6.5
Write STATUS Register (WRSR)
The Write STATUS Register (WRSR) instruction enables
the SPI Master to change selected bits of the STATUS
register. Before a WRSR sequence can be initiated, a
WREN
instruction must be executed to set the WEL bit
to logic ‘1’. Upon completion of a WREN sequence, a
WRSR sequence can be executed.
The WRSR command can be used to modify the
writable bits in the STATUS register. The SWM and
RDY/BSY bits are read-only. The 48L512/48LM01 will
respond to commands immediately after a WRSR
sequence.
FIGURE 6-2:
WRSR WAVEFORM
Note:
The updated STATUS register value will
only be stored into nonvolatile memory
when there is a store operation.
SI
9 1011
1415
SCK
0
2
3 4 5 6
7
1
8
12 13
SO
CS
High-Impedance
0
0
0
0000
1
DD DD D D D D
WRSR Opcode
STATUS Register
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40