| データシートサーチシステム |
|
74ABT16952CSSC データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ABT16952CSSC データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 8 page ![]() Absolute Maximum Ratings (Note 1) Storage Temperature b 65 Cto a150 C Ambient Temperature under Bias b 55 Cto a125 C Junction Temperature under Bias Plastic b 55 Cto a150 C VCC Pin Potential to Ground Pin b 05V to a70V Input Voltage (Note 2) b 05V to a70V Input Current (Note 2) b 30 mA to a50 mA Voltage Applied to Any Output in the Disable or Power-Off State b 05V to a55V in the HIGH State b 05V to VCC Note 1 Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired Functional operation under these conditions is not implied Note 2 Either voltage limit or current limit is sufficient to protect inputs Current Applied to Output in LOW State (Max) twice the rated IOL (mA) DC Latchup Source Current b 500 mA Over Voltage Latchup (IO) 10V Recommended Operating Conditions Free Air Ambient Temperature Commercial b 40 Cto a85 C Supply Voltage Commercial a 45V to a55V Minimum Input Edge Rate (DV Dt) Data Input 50 mVns Enable Input 20 mVns Clock Input 100 mVns DC Electrical Characteristics Symbol Parameter ABT16952 Units VCC Conditions Min Typ Max VIH Input HIGH Voltage 20 V Recognized HIGH Signal VIL Input LOW Voltage 08 V Recognized LOW Signal VCD Input Clamp Diode Voltage b 12 V Min IIN eb18 mA (Non IO Pins) VOH Output HIGH Voltage 74ABT 25 IOH eb3mA(An Bn) 74ABT 20 IOH eb32 mA (An Bn) VOL Output LOW Voltage 74ABT 055 IOL e 64 mA (An Bn) VID Input Leakage Test 475 V 00 IID e 19 mA (Non-IO Pins) All Other Pins Grounded IIH Input HIGH Current 5 m A Max VIN e 27V (Non-IO Pins) (Note 2) VIN e VCC (Non-IO Pins) IBVI Input HIGH Current 7 m A Max VIN e 70V (Non-IO Pins) Breakdown Test IBVIT Input HIGH Current 100 m A Max VIN e 55V (An Bn) Breakdown Test (IO) IIL Input LOW Current b 5 m A Max VIN e 05V (Non-IO Pins) (Note 2) VIN e 00V (Non-IO Pins) IIH a IOZH Output Leakage Current 50 m A 0V – 55V VOUT e 27V (An Bn) OEA or OEB e 20V IIL a IOZL Output Leakage Current b 50 m A 0V – 55V VOUT e 05V (An Bn) OEA or OEB e 20V IOS Output Short-Circuit Current b 100 b 275 mA Max VOUT e 0V (An Bn) ICEX Output HIGH Leakage Current 50 m A Max VOUT e VCC (An Bn) IZZ Bus Drainage Test 100 m A 00V VOUT e 55V (An Bn) All Others GND ICCH Power Supply Current 10 mA Max All Outputs HIGH ICCL Power Supply Current 60 mA Max All Outputs LOW ICCZ Power Supply Current 10 mA Max Outputs TRI-STATE All Others GND ICCT Additional ICC Input 25 mA Max VI e VCC b 21V All Others at VCC or GND http www nationalcom 3 |