| データシートサーチシステム |
|
74ABT16952CSSCX データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ABT16952CSSCX データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 8 page ![]() DC Electrical Characteristics (Continued) Symbol Parameter ABT16952 Units VCC Conditions Min Typ Max ICCD Dynamic ICC No Load Outputs Open (Note 2) 018 mAMHz Max OEA or OEB e GND Non-IO e GND or VCC One Bit toggling 50% duty cycle (Note 1) Note 1 For 8-bit toggling ICCD k 14 mAMHz Note 2 Guaranteed but not tested AC Electrical Characteristics 74ABT 74ABT TA ea25 CTA eb40 Cto a85 C Symbol Parameter VCC ea50V VCC e 45V to 55V Units CL e 50 pF CL e 50 pF Min Max Min Max fmax Max Clock 200 200 MHz Frequency tPLH Propagation Delay 15 53 15 53 ns tPHL CPABn or CPBAn to 15 53 15 53 An or Bn tPZH Output Enable Time 15 55 15 55 ns tPZL OEABn or OEBAn to 15 55 15 55 An or Bn tPHZ Output Disable Time 15 60 15 60 ns tPLZ OEABn or OEBAn to 15 60 15 60 An or Bn AC Operating Requirements 74ABT 74ABT TA ea25 CTA eb40 Cto a85 C Symbol Parameter VCC ea50V VCC e 45V to 55V Units CL e 50 pF CL e 50 pF Min Max Min Max ts(H) Setup Time HIGH 25 25 ns ts(L) or LOW An or Bn 25 25 to CPABn or CPBAn th(H) Hold Time HIGH 15 15 ns th(L) or LOW An or Bn 15 15 to CPABn or CPBAn ts(H) Setup Time HIGH 25 25 ns ts(L) or LOW CEAn or CEBn 25 25 to CPABn or CPBAn th(H) Hold Time HIGH 15 15 ns th(L) or LOW CEAn or CEBn 15 15 to CPABn or CPBAn tw(H) Pulse Width 30 30 ns tw(L) HIGH or LOW 30 30 to CPABn or CPBAn http www nationalcom 4 |