データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBN022 データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 STBN022
部品情報  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBN022 データシート(HTML) 2 Page - EIC discrete Semiconductors

  STBN022 Datasheet HTML 1Page - EIC discrete Semiconductors STBN022 Datasheet HTML 2Page - EIC discrete Semiconductors STBN022 Datasheet HTML 3Page - EIC discrete Semiconductors STBN022 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STBN06I
6.12
7.48
10
5.50
2000
139
10.8
0.057
STBN56I
6.45
7.14
10
5.80
2000
143
10.5
0.057
STBN07F
6.75
8.25
10
6.05
1000
128
11.7
0.061
STBN57F
7.13
7.88
10
6.40
1000
132
11.3
0.061
STBN08C
7.38
9.02
10
6.63
400
120
12.5
0.065
STBN58C
7.79
8.61
10
7.02
400
124
12.1
0.065
STBN09B
8.19
10.0
1.0
7.37
100
109
13.8
0.068
STBN59B
8.65
9.55
1.0
7.78
100
112
13.4
0.068
STBN010
9.00
11.0
1.0
8.10
10
100
15.0
0.073
STBN510
9.50
10.5
1.0
8.55
10
103
14.5
0.073
STBN011
9.90
12.1
1.0
8.92
10
93.0
16.2
0.075
STBN511
10.5
11.6
1.0
9.40
10
96.0
15.6
0.075
STBN012
10.8
13.2
1.0
9.72
5.0
87.0
17.3
0.078
STBN512
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
STBN013
11.7
14.3
1.0
10.5
5.0
79.0
19.0
0.081
STBN513
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
STBN015
13.5
16.5
1.0
12.1
5.0
68.0
22.0
0.084
STBN515
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
STBN016
14.4
17.6
1.0
12.9
5.0
64.0
23.5
0.086
STBN516
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
STBN018
16.2
19.8
1.0
14.5
5.0
56.5
26.5
0.088
STBN518
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
STBN020
18.0
22.0
1.0
16.2
5.0
51.5
29.1
0.090
STBN520
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
STBN022
19.8
24.2
1.0
17.8
5.0
47.0
31.9
0.092
STBN522
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
STBN024
21.6
26.4
1.0
19.4
5.0
43.0
34.7
0.094
STBN524
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
STBN027
24.3
29.7
1.0
21.8
5.0
38.5
39.1
0.096
STBN527
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
STBN030
27.0
33.0
1.0
24.3
5.0
34.5
43.5
0.097
STBN530
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
STBN033
29.7
36.3
1.0
26.8
5.0
31.5
47.7
0.098
STBN533
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
STBN036
32.4
39.6
1.0
29.1
5.0
29.0
52.0
0.099
STBN536
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
STBN039
35.1
42.9
1.0
31.6
5.0
26.5
56.4
0.100
STBN539
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
STBN043
38.7
47.3
1.0
34.8
5.0
24.0
61.9
0.101
STBN543
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
STBN047
42.3
51.7
1.0
38.1
5.0
22.2
67.8
0.101
STBN547
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
STBN051
45.9
56.1
1.0
41.3
5.0
20.4
73.5
0.102
STBN551
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
STBN056
50.4
61.6
1.0
45.4
5.0
18.6
80.5
0.103
STBN556
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
Page 2 of 4
Rev. 04 : March 25, 2005
TYPE



Html Pages

1 2 3 4