| データシートサーチシステム |
|
PI74FCT273ATS データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT273ATS データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 6 page ![]() 2 PS2013B 10/07/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI74FCT273T Octal D Flip-Flop with Master Reset Storage Temperature ............................................................ –65°C to +150°C Ambient Temperature with Power Applied ............................ -40°C to +85°C Supply Voltage to Ground Potential (Inputs & Vcc Only) ..... –0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) .. –0.5V to +7.0V DC Input Voltage .................................................................... –0.5V to +7.0V DC Output Current .............................................................................. 120 mA Power Dissipation .....................................................................................0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indi- cated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 5%) Parameters Description Test Conditions(1) Min. Typ(2) Max. Units VOH Output HIGH Voltage VCC = Min., VIN = VIH or VIL IOH = –15.0mA 2.4 3.0 V VOL Output LOW Current VCC = Min., VIN = VIH or VIL IOL = 64mA 0.3 0.55 V VOL Output LOW Current VCC = Min., VIN = VIH or VIL IOL = 12mA (25 Ω Series) 0.3 0.50 V VIH Input HIGH Voltage Guaranteed Logic HIGH Level 2.0 V VIL Input LOW Voltage Guaranteed Logic LOW Level 0.8 V IIH Input HIGH Current VCC = Max. VIN = VCC 1µA IIL Input LOW Current VCC = Max. VIN = GND –1 µA IOZH High Impedance VCC = MAX.VOUT = 2.7V 1 µA IOZL Output Current VOUT = 0.5V –1 µA VIK Clamp Diode Voltage VCC = Min., IIN = –18mA –0.7 –1.2 V IOFF Power Down Disable VCC = GND, VOUT = 4.5V — — 100 µA IOS Short Circuit Current VCC = Max.(3), VOUT = GND –60 –120 mA VH Input Hysteresis 200 mV Capacitance (TA = 25°C, f = 1 MHz) Parameters(4) Description Test Conditions Typ Max. Units CIN Input Capacitance VIN = 0V 6 10 pF COUT Output Capacitance VOUT = 0V 8 12 pF Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is determined by device characterization but is not production tested. Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) |