| データシートサーチシステム |
|
EM78P451 データシート(PDF) 39 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451 データシート(HTML) 39 Page - ELAN Microelectronics Corp |
|
39 / 54 page ![]() EM78P451 8-Bit Microcontroller with OTP ROM Product Specification (V1.1) 06.30.2003 • 35 (This specification is subject to change without further notice) Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 2 1 0 0x0D RD(SPIC) Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 Wake-Up from Pin Change P P P P P P P P Bit Name TMR1 7 TMR1 6 TMR1 5 TMR1 4 TMR1 3 TMR1 2 TMR1 1 TMR1 0 0x0E RE(TMR1) Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 Wake-Up from Pin Change P P P P P P P P Bit Name PWP7 PWP6 PWP5 PWP4 PWP3 PWP2 PWP1 PWP0 0x0F RF(PWP) Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name - - - - T1IF SPIIF EXIF TCIF 0x3F R3F(ISR) Power-On U U U U 0 0 0 0 /RESET and WDT U U U U 0 0 0 0 Wake-Up from Pin Change U U U U P P P P Bit Name - - - - - T1E T1P1 T1P0 0x0C IOCC Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 Wake-Up from Pin Change P P P P P P P P Bit Name S7 - - - /PU9 /PU8 /PU6 /PU5 0x0D IOCD Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name - ODE WTE SLPC ROC - - /WUE 0x0E IOCE Power-On U 0 1 1 0 U U 1 /RESET and WDT U 0 1 1 0 U U 1 Wake-Up from Pin Change U P 1 1 P U U P Bit Name - - - - T1IE SPIIE EXIE TCIE 0x0F IOCF Power-On U U U U 0 0 0 0 /RESET and WDT U U U U 0 0 0 0 Wake-Up from Pin Change U U U U P P P P Bit Name - - - - - - - - 0x10~0x3 E GPR Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P ** To execute the next instruction after the ”SLPC” bit status of IOCE register being on high-to-low transition. |