データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB-CTR データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 USB-CTR
部品情報  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

USB-CTR データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-CTR Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-CTR Series
Software
Software Support
USB-CTR Series devices are supported by the software in the table below.
Ready-to-Run Applications
DAQami™
Data acquisition companion software with drag-and-drop interface that is used to acquire,
view, and log data, and generate signals. DAQami can be configured to log analog, digital, and
counter channels, and to view that data in real-time or post-acquisition on user-configurable
displays. Logged data can be exported for use in Excel® or MATLAB®. Windows OS
DAQami is included with the free MCC DAQ Software bundle.
InstaCal™
An interactive installation, configuration, and test utility for MCC hardware. Windows OS
InstaCal is included with the free MCC DAQ Software bundle.
TracerDAQ™ and
TracerDAQ Pro
Virtual strip chart, oscilloscope, function generator, and rate generator applications used to
generate, acquire, analyze, display, and export data. Supported features may vary by hardware.
The Pro version provides enhanced features. Windows OS
TracerDAQ is included with the free MCC DAQ Software bundle.
TracerDAQ Pro is available as a purchased software download.
General-Purpose Programming Support
Universal Library™
(UL) for Windows
Library for developing applications in C, C++, VB, C# .Net, VB .Net, and Python on Windows.
The UL for Windows is included with the free MCC DAQ Software bundle.
The UL Python API for Windows is available on GitHub (https://github.com/mccdaq/mcculw).
UL for Linux®
Library for developing applications in C, C++, and Python on Linux.
UL for Linux is available on GitHub (https://github.com/mccdaq/uldaq).
Open-source, third-party Linux drivers are also available for supported MCC devices.
Application-Specific Programming Support
ULx for
NI LabVIEW™
A comprehensive library of VIs and example programs for NI LabVIEW that is used to develop
custom applications that interact with most MCC devices. Windows OS
ULx for NI LabVIEW is included with the free MCC DAQ Software bundle.
DASYLab®
Icon-based data acquisition, graphics, control, and analysis software that allows users to create
complex applications in minimal time without text-based programming. Windows OS
DASYLab is available as a purchased software download. An evaluation version is available for
28 days.



Html Pages

1 2 3 4 5 6 7 8