| データシートサーチシステム |
|
ICS951413 データシート(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951413 データシート(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 23 page ![]() 13 Integrated Circuit Systems, Inc. ICS951413 0929C—03/07/05 SMBus Table: CPU Spread Spectrum Control Register Pin # Name Control Function Type0 1 PWD Bit 7 Reserved Reserved R - - 0 Bit 6 SSP14 RW X Bit 5 SSP13 RW X Bit 4 SSP12 RW X Bit 3 SSP11 RW X Bit 2 SSP10 RW X Bit 1 SSP9 RW X Bit 0 SSP8 RW X SMBus Table: SRC Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 N Div8 N Divider Prog bit 8 RW X Bit 6 N Div9 N Divider Prog bit 9 RW X Bit 5 M Div5 RW X Bit 4 M Div4 RW X Bit 3 M Div3 RW X Bit 2 M Div2 RW X Bit 1 M Div1 RW X Bit 0 M Div0 RW X SMBus Table: SRC Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 N Div7 RW X Bit 6 N Div6 RW X Bit 5 N Div5 RW X Bit 4 N Div4 RW X Bit 3 N Div3 RW X Bit 2 N Div2 RW X Bit 1 N Div1 RW X Bit 0 N Div0 RW X SMBus Table: SRC Spread Spectrum Control Register Pin # Name Control Function Type0 1 PWD Bit 7 SSP7 RW X Bit 6 SSP6 RW X Bit 5 SSP5 RW X Bit 4 SSP4 RW X Bit 3 SSP3 RW X Bit 2 SSP2 RW X Bit 1 SSP1 RW X Bit 0 SSP0 RW X Spread Spectrum Programming bit(14:8) These Spread Spectrum bits in Byte 13 and 14 will program the spread pecentage of CPU The decimal representation of M and N Divier in Byte 15 and 16 will configure the SRC VCO frequency. Default at power up = latch-in or Byte 0 Rom table. VCO Frequency = 14.318 x These Spread Spectrum bits in Byte 17 and 18 will program the spread pecentage of SRC Byte 14 - - - - - - - - Byte 15 - - - M Divider Programming bits - - - - - Byte 16 - N Divider Programming b(7:0) The decimal representation of M and N Divier in Byte 15 and 16 will configure the SRC VCO frequency. Default at power up = latch-in or Byte 0 Rom table. VCO Frequency = 14.318 x - - - - - - - Byte 17 - Spread Spectrum Programming b(7:0) - - - - - - - |