| データシートサーチシステム |
|
STLC2500ATR データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2500ATR データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 37 page ![]() Electrical characteristics STLC2500A 6/37 2 Electrical characteristics VDD_IO_x means VDD_IO_A, VDD_IO_B. (See also Table 12, subsection Power supply). 2.1 Absolute maximum ratings The Absolute Maximum Rating (AMR) corresponds to the maximum value that can be applied without leading to instantaneous or very short-term unrecoverable hard failure (destructive breakdown). 2.2 Operating ranges Operating ranges define the limits for functional operation and parametric characteristics of the device. Functionality outside these limits is not implied. Table 1. Absolute maximum ratings Symbol Parameter Min. Max. Unit VDD_HV Regulator input supply voltage Vss - 0.3 4.0 V VDD_IO_x Supply voltage I/O Vss - 0.3 4.0 V Vssdiff Maximum voltage difference between different types of VSS pins (1) 1. VSS can be any VSS_xxx pin -0.3 0.3 V Vin Input voltage of any digital pin Vss - 0.3 4.0 V Tstg Storage temperature -65 +150 °C Tlead Lead temperature <10s +250 °C Table 2. Operating ranges Symbol Parameter Min. Typ. Max. Unit Tamb Operating ambient temperature -40 +85 °C VDD_HV Regulator input supply voltage 2.65(*) 2.75 2.85(1) 1. The chip will be characterized from 2.62 [V] up to 2.9 [V] V VDD_IO_A Supply voltage for I/O 1.65 2.85(2) 2. The chip will be characterized up to 2.9 [V]. V VDD_IO_B Supply voltage for I/O 1.35 2.85(2) V |