| データシートサーチシステム |
|
IN100-D1-R-RC1I データシート(PDF) 43 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IN100-D1-R-RC1I データシート(HTML) 43 Page - List of Unclassifed Manufacturers |
|
43 / 49 page ![]() 42 / 47 www.inplay-tech.com N1EDOC-DS-IN100-EN-V1.3 9. Package Dimension The device is available in QFN18 and DFN8 packages. Both packages are RoHS/green compliant. This device has two thicknesses due to different manufacturers. 9.1. QFN18 Figure 22 : QFN18 POD IN100-Q1-R-RC1I/ IN100-Q1-R-RC1F |