| データシートサーチシステム |
|
IN100-Q1-R-RC1I データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IN100-Q1-R-RC1I データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 49 page ![]() 1 / 47 www.inplay-tech.com N1EDOC-DS-IN100-EN-V1.3 IN100 Ultra-Low Power Bluetooth Beacon SoC • Bluetooth Low Energy 5.3 Compliant - Enhanced privacy mode support • Beacon Modes - Proprietary - Bluetooth SIG compliant - iBeacon/Eddystone/Altbeacon compliant* • Ease of Use - Config and use - No software programming required • Memory - 4Kb eFuse memory - Advertising payload storage - Manufacturer ID - 4KB SRAM - Dynamic payload storage • Low Power Mode Advertising - Continuous advertising - Event-triggered advertising • RF Radio - 2.4GHz frequency band RF transmitter - MedRadio band support - Programmable TX output power, up to +5dBm • System Power Consumption - Sub-uW power consumption for multi-year operation on a tiny battery - Sleep mode < 650nA with 32kHz RC ON • Peripheral - 1 UART - 1 I2C - Pulse Count Interface for digital sensor input - Built-in ultra-low-leakage load switch x 2 - Sensor ADC, 11bit - Chip temperature measurement - VCC voltage measurement - 4 channels for customer use Key Features • Clock Sources - 26MHz XO crystal - 32.768kHz RTC crystal (optional) • Security and Privacy - AES-128 based authentication - AES-128 based encryption - Privacy protection: resolvable private address - Anti-Cloning: time-varying payload in the beacon • Power Supply - Integrated low leakage LDO - 1.1 - 3.6V input - Single cell 1.5V battery support • Operating temperature - -40°C ~ +85°C (industrial, see ordering info) - -40°C ~ +125°C (full range industrial, see ordering info) • Packaging - DFN8 2.5mm x 2.5mm - QFN18 3.0mm x 3.0mm • Typical Applications - Standalone retail beacon - Wireless sensor - Asset tracking - Beacon tag for RTLS (Real Time Location System) - Active RFID - Low power alarm system - Wireless ID tag for healthcare - Wireless industrial application - Fitness and wellness * iBeacon is a trademark of Apple Inc. * Eddystone is a trademark of Google Inc. |