データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

890714429003CS データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 890714429003CS
部品情報  WCAP-FTDB DC-Link Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890714429003CS データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890714429003CS Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 890714429003CS Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Packaging Specification - Tray and Carton: [mm]
W
IC
L IC
Pearl Cotton
LIC
(mm)
WIC
(mm)
HIC
(mm)
No. of
Layer (pcs.)
No. of
Pearl Cotton (pcs.)
Qty.
(pcs.)
Material
Tolerance
typ.
typ.
typ.
Value
350,00
250,00
80,00
1
1
36
Paper
Packaging Specification - Outer Carton: [mm]
L C
W
C
LC
(mm)
WC
(mm)
HC
(mm)
No. of
Inner Carton (pcs.)
Qty.
(pcs.)
Material
Tolerance
typ.
typ.
typ.
Value
375,00
265,00
265,00
3
108
Paper
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
FPu
001.000
2022-10-13
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-FTDB DC-Link Capacitor
MDBP525506J800DCPP15040
ORDER CODE
890714429003CS
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Pitch 1: 52.5 mm; Pitch 2: 20.3 mm
eiCap
Valid
4/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com