データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT534PCQB データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 74ACT534PCQB
部品情報  Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT534PCQB データシート(HTML) 2 Page - National Semiconductor (TI)

  74ACT534PCQB Datasheet HTML 1Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 2Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 3Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 4Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 5Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 6Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 7Page - National Semiconductor (TI) 74ACT534PCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description
The ’ACT534 consists of eight edge-triggered flip-flops with
individual D-type inputs and TRI-STATE complementary
outputs The buffered clock and buffered Output Enable are
common to all flip-flops The eight flip-flops will store the
state of their individual D inputs that meet the setup and
hold times requirements on the LOW-to-HIGH Clock (CP)
transition With the Output Enable (OE) LOW the contents
of the eight flip-flops are available at the outputs When the
OE is HIGH the outputs go to the high impedance state
Operation of the OE input does not affect the state of the
flip-flops
Logic Diagram
TLF9965 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
Function Table
Inputs
Output
CP
OE
D
O
L
LH
L
L
LL
H
LL
X
O0
XH
X
Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
L e LOW-to-HIGH Clock Transition
Z e High Impedance
O0 e Value stored from previous clock cycle
2



Html Pages

1 2 3 4 5 6 7 8