| データシートサーチシステム |
|
HTIP117D データシート(PDF) 3 Page - Hi-Sincerity Mocroelectronics |
|
|
|||||||||||||||||||||||||||||
HTIP117D データシート(HTML) 3 Page - Hi-Sincerity Mocroelectronics |
|
3 / 4 page ![]() HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HD200204 Issued Date : 2002.04.01 Revised Date : 2005.08.18 Page No. : 3/4 HTIP117D HSMC Product Specification TO-126ML Dimension Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. • HSMC reserves the right to make changes to its products without notice. • HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: • Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 • Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 D I E B G F A N C H 3 2 1 M J K L 3-Lead TO-126ML Plastic Package HSMC Package Code: D Marking: Control Code Date Code HP 11 7 Pb Free Mark Pb-Free: " . " (Note) Normal: None I D T Note: Green label is used for pb-free packing Pin Style: 1.Emitter 2.Collector 3.Base Material: • Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 DIM Min. Max. A 7.74 8.24 B 10.87 11.37 C 0.88 1.12 D 1.28 1.52 E 3.50 3.75 F 2.61 3.37 G13 - H 1.18 1.42 I 2.88 3.12 J 0.68 0.84 K - 2.30 L 3.44 3.70 M 1.88 2.14 N 0.50 0.51 *: Typical, Unit: mm |