| データシートサーチシステム |
|
WEDACCESS_SCADA データシート(PDF) 1 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
WEDACCESS_SCADA データシート(HTML) 1 Page - Advantech Co., Ltd. |
|
1 / 3 page ![]() WISE-PaaS/IIoT & WebAccess Software Features Browser-Based SCADA Software WebAccess/SCADA Enables 100% web-based remote engineering, monitoring, and control Driver support for major PLCs, PACs, I/O modules, CNCs, network switches, and computer platforms Supports standard protocols including Modbus, OPC UA, OPC DA, Ethernet/ IP, DNP3, SNMP, and BACnet WISE-PaaS/Dashboard and WISE-PaaS/SaaS Composer on-premises integration which is highly leveraged with cloud versions that brings visualization to next level Provides WebAccess APP for remote monitoring/control and alarm push notification for Android/iOS mobile devices Easily integrated with third-party software (e.g., MES and ERP) via open interface web services (RESTful API and SignalR), widget interfaces, and WebAccess APIs Flexible database restore mode for automatic data access with improved query speeds Soft license online authentication Introduction Advantech WebAccess/SCADA is a 100% web-based SCADA software solution/IIoT platform with open interfaces for developing IoT applications aimed at various vertical markets. It also acts as a gateway for collecting data from ground equipment and transferring the data to cloud applications via MQTT publish/subscribe. In addition to traditional SCADA functions, WebAccess/SCADA features an HTML5-based intelligent dashboard that enables cross-platform, cross-browser data analysis. The basic components of WebAccess/SCADA are as follows: 1. Project Node: This is the project development platform. It also acts as a web server for all clients to connect to development projects, thus facilitating remote monitoring and system control. All system configuration settings, project database files, and graphics are stored in this node. 2. SCADA Node: With various built-in device drivers, this node enables real-time communication with and control over automation equipment via serial, Ethernet, or proprietary communication protocols. It also provides real-time data access for all remote clients. 3. ViewDAQ Client: Through Microsoft Internet Explorer's ActiveX control, ViewDAQ Client monitors and controls the SCADA node. Clients must first connect to the project node to obtain the SCADA node address before they can communicate directly with the SCADA node. Data can be visualized in real time as dynamic graphics, presenting historical trends and alarm information for the user. ViewDAQ Client can be used to acknowledge alarms and adjust set-point data, status data, and other information. 4. Dashboard Client: This enables users to access the dashboard server via any browser on any platform (e.g., computer, pad, or smartphone) with iOS, Android, or Windows. 5. WebAccess APP: This provides a new interface for displaying usage information. Connecting to the WebAccess server enables users to perform remote monitoring of control points and alarms while visualizing trends and communication statuses via the dashboard. Additionally, it provides push notifications for mobile devices. Feature Details 100% Web-Based Architecture WebAccess/SCADA is a 100% web-based SCADA software application. As Advantech’s core IoT application platform, it provides a unique environment for development and remote maintenance, allowing access to and manipulation of data stored on a central server. This enables the configuring, changing/updating, and remote monitoring of equipment, projects, and systems worldwide via a standard web browser, thus saving time that would otherwise be required for system development. WebAccess/SCADA Professional comes with 32 clients at no extra cost, which, compared to other similar products, can save a considerable amount of money for system integrators. For edge computing application, WebAccess/SCADA also publishes real-time and historical data to private/public cloud platforms via MQTT, thus providing a database for big data intended for use in cloud applications. WISE-PaaS/Dashboard & WISE-PaaS/SaaS Composer With the integration of WISE-PaaS/Dashboard cloud version, vivualization is brought to a new level. By using the Chronium kernal embeded to ViewDAQ client, anything you can implement using WISE-PaaS/Dashboard can be viewed together with your exisiting drawings. Furthermore, WISE-PaaS/SaaS Composer allows customers to show the shopfloor status in either 2D or 3D diagrams, allowing a more obvious overview of the status. WebAccess APP WebAccess APP is the new mobile app for WebAccess/SCADA 8.3 and above, with support ffor iOS 10 and Android 5 and above. With Node.js as the underlying data transport layer, data can be immediately transferred to phones. Open Interface WebAccess/SCADA offers several types of interfaces, including RESTful API and SignalR, for various applications. First, a web service interface allows partners to integrate WebAccess data into their apps or application systems. Second, a pluggable widget interface enables programmers to develop widgets and run Dashboard 2.0. Finally, WebAccess API provides a DLL interface for programmers to access the WebAccess platform and develop related Windows applications. By supporting these interfaces, WebAccess serves as a platform for developing IoT applications in various vertical markets. Supports Multiple Drivers WebAccess/SCADA supports hundreds of devices. In addition to supporting Advantech I/O devices and controllers, it supports all major programmable logic controllers, controllers, and I/O devices by manufacturers such as Allen Bradley, Siemens, LonWorks, Mitsubishi, Beckhoff, and Yokogawa. For vertical market applications, WebAccess/SCADA supports the DNP 3.0 protocol, which was developed for the power and energy industry. It also supports standard protocols such as Modbus, OPC DA, and OPC UA, and can be easily integrated with other SCADA software. All of these device drivers are integrated into WebAccess/ SCADA at no extra cost. Please refer to the driver list for information on supported devices. All product specifications are subject to change without notice. Last updated: 7-Jun-2022 |
同様の部品番号 - WEDACCESS_SCADA |
|
同様の説明 - WEDACCESS_SCADA |