データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD2564DG データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TCD2564DG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2564DG データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TCD2564DG Datasheet HTML 2Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 3Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 4Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 5Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 6Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 7Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 8Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 9Page - Toshiba Semiconductor TCD2564DG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCD2564DG
Rev.1.2 2019-01-15
5
© 2017
Toshiba Electronic Devices & Storage Corporation
Recommended Operating Conditions (Ta
 25°C)
For best performance, the device should be used within the Recommended Operating Conditions.
Characteristics
Symbol
Min
Typ.
Max
Unit
Clock pulse voltage
“H” level
V
1A
V
2A
4.75
5.0
5.5
V
“L” level
0
0
0.25
Last stage clock pulse
voltage
“H” level
V
2B
4.75
5.0
5.5
V
“L” level
0
0
0.25
Shift pulse voltage
“H” level
VSH
4.75
5.0
5.5
V
“L” level
0
0
0.25
Reset pulse voltage
“H” level
VRS
4.75
5.0
5.5
V
“L” level
0
0
0.25
Clamp pulse voltage
“H” level
VCP
4.75
5.0
5.5
V
“L” level
0
0
0.25
Power supply voltage
VOD
9.5
10.0
10.5
V
Clock Characteristics (Ta
 25°C)
For best performance, the device should be used within the Recommended Operating Conditions.
Characteristics
Symbol
Min
Typ.
Max
Unit
Clock pulse frequency
f
0.2
1.0
30
MHz
Reset pulse frequency
fRS
1.0
30
MHz
Clamp pulse frequency
fCP
1.0
30
MHz
Clock capacitance
(Note 11)
C
1A
170
pF
C
2A
173
Last stage clock capacitance
C
B
5
pF
Shift gate capacitance
CSH
(SH1, SH2)
6
pF
CSH
(SH3)
22
Reset gate capacitance
CRS
6
pF
Clamp gate capacitance
CCP
6
pF
Note 11: VOD  10 V, Input capacitance par a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com