データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD2566BFG データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TCD2566BFG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2566BFG データシート(HTML) 2 Page - Toshiba Semiconductor

  TCD2566BFG Datasheet HTML 1Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 2Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 3Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 4Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 5Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 6Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 7Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 8Page - Toshiba Semiconductor TCD2566BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TCD2566BFG
Rev.2.1 2019-01-24
1
© 2018
Toshiba Electronic Devices & Storage Corporation
TOSHIBA CCD Linear Image Sensor
CCD (Charge Coupled Device)
TCD2566BFG
The TCD2566BFG is a high sensitive and low dark current 5340
elements
 3 lines output CCD color linear image sensor with 5340
elements
 1 line output CCD B/W linear image sensor.
The device contains a row of 5340 elements
 7 lines photodiodes
which provide 24 lines/mm across a A4 size paper. The device is
operated by 5.0 V pulse and 10 V power supply.
Features
 Number of Image Sensing Elements: 5340 elements  6 lines for Color
5340 elements
 1 line for B/W
 Image Sensing Element Size: 5.25 μm by 6.825 μm on 5.25 μm center for Color
5.25
μm by 8.4 μm on 5.25 μm center for B/W
 Photo Sensing Region: High sensitive PN photodiode
 Clock: 2-phase (5 V)
 Power Supply Voltage: 10 V (typ.)
 Distance between Photodiode Array: 63 μm (12 lines) R array  G array, G array  B array
66.4125
μm B array
 B/W array
 Internal Circuit: Clamp circuit
 Package: 22 pin CLCC
 Color Filter: Red, Green, Blue
 Time Delay Integration
ABSOLUTE MAXIMUM RATINGS (Note 1)
Characteristic
Symbol
Rating
Unit
Clock pulse voltage
V
0.3 to +8.0
V
Shift pulse voltage
VSH
Reset pulse voltage
VRS
Clamp pulse voltage
VCP
Switch pulse voltage
VSW
Storage clear pulse voltage
VSCG
Power supply voltage
VOD
0.3 to +13.5
V
Operating temperature
Topr
0 to 60
°C
Storage temperature
Tstg
25 to +85
°C
Note 1:
All voltages are with respect to SS terminals (ground).
None of the ABSOLUTE MAXIMUM RATINGS must be exceeded,
even instantaneously.
If any one of the ABSOLUTE MAXIMUM RATINGS is exceeded,
the electrical characteristics, reliability and life time of the device
cannot be guaranteed. If the ABSOLUTE MAXIMUM RATINGS are
exceeded, the device can be permanently damaged or degraded.
Create a system design in such a manner that any of the
ABSOLUTE MAXIMUM RATINGS will not be exceeded under any
circumstances.
Pin Connections (top view)
SW2
22
NC
OD
21
20
19
SS
1
2
3
4
1C
NC
2B
1B
15
14
13
12
8
9
10
11
SW1
2A2
1A2
SH
SCG
OS3
OS1
18
17
16
5
6
7
NC
SS
2A1
1A1
OS2
CP
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com