| データシートサーチシステム |
|
TLP352 データシート(PDF) 13 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP352 データシート(HTML) 13 Page - Toshiba Semiconductor |
|
13 / 21 page ![]() TLP352,TLP352F 13 17. 17. 17. 17. EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification • Part number: TLP352 (Note 1) (Note 1) (Note 1) (Note 1) • The following part naming conventions are used for the devices that have been qualified according to option (D4) of EN60747. Example: TLP352(D4-TP1,F) D4: EN60747 option TP1: Tape type F: [[G]]/RoHS COMPATIBLE (Note 2) (Note 2) (Note 2) (Note 2) Note 1: Use TOSHIBA standard type number for safety standard application. e.g., TLP352(D4-TP1,F) → TLP352 Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. Fig. Fig. Fig. Fig. 17.1 17.1 17.1 17.1 EN60747 Isolation Characteristics EN60747 Isolation Characteristics EN60747 Isolation Characteristics EN60747 Isolation Characteristics 2016-09-27 Rev.7.0 ©2016 Toshiba Corporation |