| データシートサーチシステム |
|
DRA821U2...ALM データシート(PDF) 115 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM データシート(HTML) 115 Page - Texas Instruments |
|
115 / 252 page ![]() J7VCL_ELCH_03 T0 T1 T2 T3 T4 (VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU) (C) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) ,VDDA_3P3_USB (E) (C) (F) (VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU, VDDA_POR_WKUP, VDDA_WKUP) (G) VDD_MCU ,VDD_MCU_WAKE1, VDDAR_MCU (J) VDD_CORE, VDD_WAKE0, VDDA_0P8_SERDES, VDDA_0P8_SERDES_C, VDDA_0P8_USB VDDAR_CORE, VDDAR_CPU MCU_PORz (K)(L) PORz (K)(L) OSC1_XI, OSC1_XO (optional) WKUP_LFOSC0_XI, WKUP_LFOSC0_XO (optional) WKUP_OSC0_XI, WKUP_OSC0_XO VDDS_DDR_BIAS, VDDS_DDR, VDDS_DDR_C MCU_BOOTMODE[9:0], BOOTMODE[7:0] (K) Valid Configuration (VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU) (D) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) VDDS_MMC0 (E) (D), VDDA_OSC1, VDDA_PLLGRP8, VDDA_PLLGRP6, VDDA_PLLGRP4, VDDA_PLLGRP0, VDDA_TEMP1, VDDA_TEMP0, VDD_CPU Note 1 (VDDA_1P8_SERDES, VDDA_1P8_USB) (H) Note 1 VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0 (I) A. Terminology: • Primary = Essential power up sequence of all voltage domains to full active state. • VOPR MIN = Minimum operational voltage level that ensures functionality as specified in , Recommended Operating Conditions. • Ramp Up = Voltage supply transition time from off condition to VOPR MIN. • Domain_“n” = multiple instances of similar voltage domains (that is, dual voltage IO domains, VDDSHVn = VDDSHV0, VDDSHV1, VDDSHV2 … VDDSHV6) • Domain_“xxx” = different signal type/protocol domains using same voltage supply type and level (that is, VDDA_1P8_xx = VDDA_1P8_DSITX, VDDA_1P8_USB, VDDA_0P8_DSITX, VDDA_0P8_USB, etc.) Time stamp markers show approximate elapsed times that are dependent upon PDN feature set, component selection and power mapping. Values shown are typical for PDNs supporting independent MCU and Main voltage domains but could vary based upon PDN design. www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 115 Product Folder Links: DRA821U-Q1 |