| データシートサーチシステム |
|
DRA821U2...ALM データシート(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM データシート(HTML) 119 Page - Texas Instruments |
|
119 / 252 page ![]() J7VCL_ELCH_05 T0 T1 T2 T3 T4 Valid Configuration T0 T1 T2 T3 VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU (2) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) ,VDDA_3P3_USB (4) (2) (5) (VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU, VDDA_POR_WKUP, VDDA_WKUP) (6) VDD MCU VDD MCU WAKE VDDAR MCU _ , _ _ 1, _ (9) VDD CORE VDD WAKE VDDA P SERDES _ , _ 0, _0 8_ , _0 8_ _ , _0 8_ VDDA P SERDES C VDDA P USB VDDAR CORE VDDAR CPU _ , _ MCU_PORz (10)(11) PORz (10)(11) OSC1_XI, OSC1_XO WKUP_LFOSC0_XI, WKUP_LFOSC0_XO (optional) WKUP_OSC0_XI, WKUP_OSC0_XO (optional) VDDS DDR BIAS VDDS DDR VDDS DDR C _ _ , _ , _ _ (VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU) (3) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5, VDDSHV6) (3) VDDS_MMC0 (VDDA_OSC1, VDDA_PLLGRP8, VDDA_PLLGRP6, VDDA_PLLGRP4, VDDA_PLLGRP0, VDDA_TEMP1, VDDA_TEMP0) (7) VDD_CPU T4 (VDDA_1P8_SERDES, VDDA_1P8_USB) (7) ( _0 8_ _ , _0 8_ _ 0) VDDA P PLL DDR VDDA P DLL MMC (8) MCU_BOOTMODE[9:0], BOOTMODE[7:0] (10) Active Active Entry into MCU only MCU only Exit from MCU only T Δ1 Figure 7-7. Independent MCU and Main Domains, Entry and Exit of MCU Only Sequencing 7.9.2.7 Independent MCU and Main Domains, Entry and Exit of DDR Retention State Entry into DDR Retention state is accomplished by executing a power down sequence except for the 4 DDR domains that remain energized. Exit from DDR Retention state is accomplished by executing a power up sequence with the 3 DDR domains remaining energized throughout the sequence. www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 119 Product Folder Links: DRA821U-Q1 |