データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDSP-076X データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HDSP-076X
部品情報  Hexadecimal and Numeric Displays for Industrial Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-076X データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-076X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
Storage Temperature, Ambient
TS
-65
+100
°C
Operating Temperature, Ambient[1]
TA
-55
+85
°C
Supply Voltage[2]
VCC
-0.5
+7.0
V
Voltage Applied to Input Logic, dp and Enable Pins
VI, VDP, VE
-0.5
VCC
V
Voltage Applied to Blanking Input[2]
VB
-0.5
VCC
V
Maximum Solder Temperature at 1.59 mm (0.062 inch)
260
°C
Below Seating Plane, t
≤ 5 seconds
Recommended Operating Conditions
Description
Symbol
Min.
Nom.
Max.
Unit
Supply Voltage[2]
VCC
4.5
5.0
5.5
V
Operating Temperature, Ambient[1]
TA
-55
+85
°C
Enable Pulse Width
tW
100
nsec
Time Data Must Be Held Before Positive
tSETUP
50
nsec
Transition of Enable Line
Time Data Must Be Held After Positive
tHOLD
50
nsec
Transition of Enable Line
Enable Pulse Rise Time
tTLH
1.0
msec
Optical Characteristics at T
A = 25°C, VCC = 5.0 V
Device
Description
Symbol
Min.
Typ.
Max.
Unit
HDSP-0760
Luminous Intensity per LED (Digit Average)[3,4]
IV
65
140
µcd
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[5]
λ
d
626
nm
HDSP-0770
Luminous Intensity per LED (Digit Average)[3,4]
IV
260
620
µcd
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[5]
λ
d
626
nm
HDSP-0860
Luminous Intensity per LED (Digit Average)[3,4]
IV
215
490
µcd
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[5,6]
λ
d
585
nm
HDSP-0960
Luminous Intensity per LED (Digit Average)[3,4]
IV
298
1100
µcd
Peak Wavelength
λ
PEAK
568
nm
Dominant Wavelength[5,6]
λ
d
574
nm
Notes:
1. The nominal thermal resistance of a display mounted in a socket that is soldered onto a printed circuit board is R
θ
JA = 50°C/W/
device. The device package thermal resistance is R
θ
J-PIN = 15°C/ W/device. The thermal resistance device pin-to-ambient through
the PC board should not exceed 35
°C/W/device for operation at T
A = +85°C.
2. Voltage values are with respect to device ground, pin 6.
3. These displays are categorized for luminous intensity with the intensity category designated by a letter code located on the back of
the display package. Case temperature of the device immediately prior to the light measurement is equal to 25
°C.
Series
Series
Series
Series



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com